Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IXFN400N15X3 Datasheet(PDF) 5 Page - IXYS Corporation

No. de pieza IXFN400N15X3
Descripción Electrónicos  N-Channel Enhancement Mode Avalanche Rated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IXYS [IXYS Corporation]
Página de inicio  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN400N15X3 Datasheet(HTML) 5 Page - IXYS Corporation

  IXFN400N15X3 Datasheet HTML 1Page - IXYS Corporation IXFN400N15X3 Datasheet HTML 2Page - IXYS Corporation IXFN400N15X3 Datasheet HTML 3Page - IXYS Corporation IXFN400N15X3 Datasheet HTML 4Page - IXYS Corporation IXFN400N15X3 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
© 2017 IXYS CORPORATION, All Rights Reserved.
IXFN400N15X3
IXYS REF: F_400N15X3(29-S151) 7-13-17
Fig. 15. Maximum Transient Thermal Impedance
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
Pulse Width - Seconds
Fig. 15. Maximum Transient Thermal Impedance
aaaaa
0.3
Fig. 13. Output Capacitance Stored Energy
0
4
8
12
16
20
24
0
20
40
60
80
100
120
140
VDS - Volts
Fig. 14. Forward-Bias Safe Operating Area
0.1
1
10
100
1000
1
10
100
1,000
VDS - Volts
TJ = 150
oC
TC = 25
oC
Single Pulse
1ms
100μs
RDS(on) Limit
10ms
DC
25μs
External Lead
Current Limit
100ms



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com