| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TOP223P Datasheet(PDF) 13 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
TOP223P Datasheet(HTML) 13 Page - Power Integrations, Inc. |
|
13 / 20 page ![]() C 12/97 TOP221-227 13 See Note C I C = 4 mA Output TOP221-224 MOSFET Enabled TOP225-227 Output MOSFET Disabled V C(SHUNT) I CD1 I CD2 36 5.5 5.7 6.0 ±50 0.6 1.2 1.6 0.7 1.4 1.8 0.5 0.8 1.1 DRAIN Supply Voltage Shunt Regulator Voltage Shunt Regulator Temperature Drift CONTROL Supply/ Discharge Current V V ppm/˚C mA OUTPUT (cont.) NOTES: A. For specifications with negative values, a negative temperature coefficient corresponds to an increase in magnitude with increasing temperature, and a positive temperature coefficient corresponds to a decrease in magnitude with increasing temperature. B. The breakdown voltage and leakage current measurements can be accomplished as shown in Figure 15 by using the following sequence: i. The curve tracer should initially be set at 0 V. The base output should be adjusted through a voltage sequence of 0 V, 6.5 V, 4.3 V, and 6.5 V, as shown. The base current from the curve tracer should not exceed 100 mA. This CONTROL pin sequence interrupts the Auto-restart sequence and locks the TOPSwitch internal MOSFET in the OFF State. ii. The breakdown and the leakage measurements can now be taken with the curve tracer. The maximum voltage from the curve tracer must be limited to 700 V under all conditions. C. It is possible to start up and operate TOPSwitch at DRAIN voltages well below 36 V. However, the CONTROL pin charging current is reduced, which affects start-up time, auto-restart frequency, and auto-restart duty cycle. Refer to the characteristic graph on CONTROL pin charge current (I C) vs. DRAIN voltage for low voltage operation characteristics. Conditions (Unless Otherwise Specified) See Figure 14 SOURCE = 0 V ; T j = -40 to 125 °C Min Typ Max Parameter Symbol Units |