| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM2781TP Datasheet(PDF) 2 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM2781TP Datasheet(HTML) 2 Page - National Semiconductor (TI) |
|
2 / 7 page ![]() Connection Diagram 8-Bump Thin Micro SMD Package NS Package Number TPA08 20044702 Pin Description Pin Name Description A1 C2+ Secondary flying-capacitor connection B1 V IN Input voltage. Input range: 1.8V to 5.5V C1 C1+ Primary flying-capacitor connection A2 SD Shutdown pin logic input. Low = on, High = shutdown C2 GND Ground A3 C2- Secondary flying-capacitor connection B3 V OUT Output voltage. V OUT =-VIN C3 C1- Primary flying capacitor connection Ordering Information Order Number Package Description Package Marking Supplied as LM2781TP TPA08: Thin Micro SMD 12 Tape and reel, 250 pcs. LM2781TPX TPA08: Thin Micro SMD 12 Tape and reel, 3000 pcs. www.national.com 2 |