| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MBM29PL64LM90 Datasheet(PDF) 10 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MBM29PL64LM90 Datasheet(HTML) 10 Page - SPANSION |
|
10 / 69 page ![]() MBM29PL64LM90/10 9 MBM29PL64LM User Bus Operations (Byte Mode : BYTE = VIL) Legend : L = VIL, H = VIH, X = VIL or VIH. See DC Characteristics for voltage levels. Hi-Z = High-Z, VID = 11.5 V to 12.5 V *1 : Manufacturer and device codes may also be accessed via a command register write sequence. See “MBM29PL64LM Standard Command Definitions”. *2 : Refer to Sector Group Protection. *3 : Protects the first 64K bytes sector (SA0) *4 : DIN or DOUT as required by command sequence, data pulling, or sector protect algorithm *5 : If WP/ACC = VIL, the first sector remain protected. If WP/ACC = VIH, the first sector will be protected or unprotected as determined by the method specified in "Sector Group Protection". Operation CE OE WE DQ15/ A-1 A0 A1 A2 A3 A6 A9 DQ7 to DQ0 RESET WP/ ACC Standby H X X X X X X X X X Hi-Z H X Autoselect Manufacture Code*1 LL H L LL L L L VID Code H X Autoselect Device Code*1 LL H L H L L L L VID Code H X Read L L H A-1 A0 A1 A2 A3 A6 A9 DOUT HX Output Disable L H H X X X X X X X Hi-Z H X Write (Erase) L H L A-1 A0 A1 A2 A3 A6 A9 *4 H *5 Enable Sector Group Protection*2 LHL L LH L L L X *4 VID H Temporary Sector Group Unprotection X X XXX X X X X X *4 VID H Reset (Hardware) X X X X X X X X X X Hi-Z L X Sector Write Protection*3 X X XXX X X X X X X H L |