Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HM72A Datasheet(PDF) 3 Page - TT Electronics.

No. de pieza HM72A
Descripción Electrónicos  High Power High Performance Molded Surface Mount Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TTELEC [TT Electronics.]
Página de inicio  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HM72A Datasheet(HTML) 3 Page - TT Electronics.

  HM72A Datasheet HTML 1Page - TT Electronics. HM72A Datasheet HTML 2Page - TT Electronics. HM72A Datasheet HTML 3Page - TT Electronics. HM72A Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
High Power High Performance
Molded Surface Mount Inductors
Model HM72A Series
Make Possible
ElectricalCharacteristics@25°CContinued
Packaging
OrderingInformation
Inductance Rolloff vs. Current Characteristics
Standard:
Embossed Tape and Reel
Reel:
Diameter:
=
13” (330.2mm)
Capacity:
06XXX
=
1,000 Units
10XXX
=
500 Units
12XXX/12XXXH
=
400 Units
HM72A - 12 1R0 H LF TR13
Model Series
Case Size:
06, 10, 12
Inductance Code:
First 2 digits are significant. Last digit denotes the number
of trailing zeros. For values below 10μH, “R“denotes the decimal point.
Tape & Reel Packing
Lead Free
Optional height: ‘H’
(For HM72A-12XXXLF series only)
Rev. 01
GeneralNote
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsmagnetics.com



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com