Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FSP120-AXAN2 Datasheet(PDF) 1 Page - Sparkle Power Inc.

No. de pieza FSP120-AXAN2
Descripción Electrónicos  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SPI [Sparkle Power Inc.]
Página de inicio  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

FSP120-AXAN2 Datasheet(HTML) 1 Page - Sparkle Power Inc.

  FSP120-AXAN2 Datasheet HTML 1Page - Sparkle Power Inc. FSP120-AXAN2 Datasheet HTML 2Page - Sparkle Power Inc. FSP120-AXAN2 Datasheet HTML 3Page - Sparkle Power Inc. FSP120-AXAN2 Datasheet HTML 4Page - Sparkle Power Inc. FSP120-AXAN2 Datasheet HTML 5Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPARKLE POWER INC.
FSP120/150-AxAN2 Series AC-DC POWER SUPPLY
www.sparklepower.com
Tel: 1-408-519-8888/1-626-839-7180
E-Mail: sparkle@sparklepower.com
- 1 -
Features
Meet Efficiency Level VI
• Operation up to 5, 000 meters
• Full Range AC Input from 90 to 264 Vac
• IEC320-C14 AC Inlet
Single regulated output from 12/19/24 Vdc Output
Output Power: 120W and 150W
High efficiency and reliability
• Class I Power Adapter
• OVP, OCP, Short circuit and thermal protection
• UL/cUL, FCC, TUV, EMC safety approvals
Meet NRCan, COC Tier 1, GEMS, CONUEE efficiency
requirements
Meet KC, CCC, RCM, BSMI, PSB, BIS, CU, PSE, NOM safety requirements
• 100% burn-in/Hi-Pot/ATE
• Operation in tropical climate environment
• Custom designs available
Description
The SPI FSP120/150-AxAN2 series are highly reliable AC-DC switching power supplies with output power
from 120W to 150W. All models of adapters provide different output voltages 12VDC, 19VDC, and 24VDC
with optional DC plug that fit into the demands for various types of consumer, commercial, and industrial
electronic devices. They are enclosed in a 94V-0 rated polycarbonate case with an IEC320-C14 inlet to mate
with various AC power cords for world-wide use. All models meet FCC Part 15 class B, IC ICES-003, and EMC
emission limitations, and comply with Department of Energy (DOE) and Energy-related Products (ErP)
standards.
Applications
Desktop/All-in-One/Notebook PCs
LCD/LED Monitors
POS systems
Office electronic devices
Telecommunication devices
Test measurement equipment
Industrial equipment


Número de pieza similar - FSP120-AXAN2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sparkle Power Inc.
FSP120-AAA SPI-FSP120-AAA Datasheet
109Kb / 1P
120 Watts Power Adapter High efficiency and reliability
logo
FSP TECHNOLOGY INC.
FSP120-AAAN2 FSP-FSP120-AAAN2 Datasheet
68Kb / 1P
Meet Energy Star EPS2.0/ErP lot 7
logo
Sparkle Power Inc.
FSP120-AAAN2 SPI-FSP120-AAAN2 Datasheet
593Kb / 5P
AC-DC POWER SUPPLY
FSP120-AAAN3 SPI-FSP120-AAAN3 Datasheet
735Kb / 6P
AC-DC POWER SUPPLY
FSP120-AAB SPI-FSP120-AAB Datasheet
64Kb / 1P
120 Watts Power Adapter High efficiency and reliability
More results

Descripción similar - FSP120-AXAN2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
AC/DC Power Supply
logo
CUI INC
VOF-6 CUI-VOF-6_11 Datasheet
239Kb / 5P
AC-DC POWER SUPPLY
VOF-10 CUI-VOF-10_11 Datasheet
208Kb / 5P
AC-DC POWER SUPPLY
VOF-25 CUI-VOF-25_11 Datasheet
265Kb / 5P
AC-DC POWER SUPPLY
VOF-45 CUI-VOF-45_11 Datasheet
237Kb / 5P
AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VSK-S20-3R3U CUI-VSK-S20-3R3U Datasheet
155Kb / 4P
AC-DC POWER SUPPLY
VSK-S10-3R3UA-T CUI-VSK-S10-3R3UA-T Datasheet
370Kb / 5P
AC-DC POWER SUPPLY
VOF-80 CUI-VOF-80_12 Datasheet
250Kb / 5P
AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com