Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMT31 Datasheet(PDF) 10 Page - CUI INC

No. de pieza AMT31
Descripción Electrónicos  MODULAR COMMUTATION ENCODER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CUI [CUI INC]
Página de inicio  http://www.cui.com
Logo CUI - CUI INC

AMT31 Datasheet(HTML) 10 Page - CUI INC

Back Button AMT31 Datasheet HTML 3Page - CUI INC AMT31 Datasheet HTML 4Page - CUI INC AMT31 Datasheet HTML 5Page - CUI INC AMT31 Datasheet HTML 6Page - CUI INC AMT31 Datasheet HTML 7Page - CUI INC AMT31 Datasheet HTML 8Page - CUI INC AMT31 Datasheet HTML 9Page - CUI INC AMT31 Datasheet HTML 10Page - CUI INC AMT31 Datasheet HTML 11Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
cui.com
date 10/10/2018
│ page 10 of 11
CUI Inc
│ SERIES: AMT31 │ DESCRIPTION: MODULAR COMMUTATION ENCODER
APPLICATION NOTES (CONTINUED)
The AMT31 series encoder requires minimal setup time for brushless DC (BLDC) motor applications. Installation can be completed
with either a PC with the AMT Viewpoint™ application installed, an AMT-OTZ-1 zero alignment module, or any 5V serial interface. The
following steps explain the proper commutation alignment procedure for the AMT31 encoder.
1. Ensure AMT31 encoder is set for correct pole count. To verify or change settings use the AMT Viewpoint™ software.
2. Mount encoder following AMT Assembly procedure.
3. Use the motor manufacturer’s documentation to determine the correct motor phase to energize for alignment. Energized phase
will coincide with the rising edge of the AMT31 encoders ‘U’ signal. This typically means energizing phase 1 by applying positive
voltage to the wire labeled ‘phase 1’, and grounding the wire labeled ‘phase 2’. The third wire always remains unconnected.
4. Using a power supply, energize the two wires found previously. This will lock the rotor into a fixed position.
5. Connect AMT31 encoder to an AMT-OTZ-1 zero alignment module, the AMT Viewpoint™ application, or any suitable 5V serial
interface.
6. Use any of the connected devices to issue an alignment command to the encoder. This will digitally set the rising edge of ‘U’ and
the ‘Z’ index to the current angular position.
7. Remove power from motor phase windings; connect motor and encoder to proper motor driver.
8. If the above is done correctly your AMT31 encoder is now ready for operation. As a verification of alignment you may power the
encoder, and use an oscilloscope to monitor phase 1 of the motor and the ‘U’ channel of the encoder as you hand spin the motor.
If alignment is correct, the square wave generated on the ‘U’ channel will overlap perfectly with the sine wave generated by phase
1 of the motor. If alignment does not match, recheck motor documentation and retry alignment procedure.
COMMUTATION ALIGNMENT AND ZERO POSITION
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11