| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD9520-1/PCBZ Datasheet(PDF) 48 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9520-1/PCBZ Datasheet(HTML) 48 Page - Analog Devices |
|
48 / 80 page ![]() AD9520-1 Data Sheet Rev. B | Page 48 of 80 12 3 4 5 6 7 8 910 INPUT TO VCO DIVIDER INPUT TO CHANNEL DIVIDER OUTPUT OF CHANNEL DIVIDER SYNC PIN 1 11 12 13 14 14 TO 15 CYCLES AT CHANNEL DIVIDER INPUT + 1 CYCLE AT VCO DIVIDER INPUT CHANNEL DIVIDER OUTPUT STATIC CHANNEL DIVIDER OUTPUT CLOCKING CHANNEL DIVIDER OUTPUT CLOCKING Figure 52. SYNC Timing Pipeline Delay When the VCO Divider Is Used—CLK or VCO Is Input INPUT TO CLK INPUT TO CHANNEL DIVIDER OUTPUT OF CHANNEL DIVIDER SYNC PIN 14 TO 15 CYCLES AT CHANNEL DIVIDER INPUT + 1 CYCLE AT CLK INPUT 12 3 4 5 6 7 8 910 11 12 13 14 1 CHANNEL DIVIDER OUTPUT STATIC CHANNEL DIVIDER OUTPUT CLOCKING CHANNEL DIVIDER OUTPUT CLOCKING Figure 53. SYNC Timing Pipeline Delay When the VCO Divider Is Not Used—CLK Input Only |