Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SIM6880M Datasheet(PDF) 13 Page - Sanken electric

No. de pieza SIM6880M
Descripción Electrónicos  500V / 600V High Voltage 3-phase Motor Driver ICs
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SIM6880M Datasheet(HTML) 13 Page - Sanken electric

Back Button SIM6880M Datasheet HTML 9Page - Sanken electric SIM6880M Datasheet HTML 10Page - Sanken electric SIM6880M Datasheet HTML 11Page - Sanken electric SIM6880M Datasheet HTML 12Page - Sanken electric SIM6880M Datasheet HTML 13Page - Sanken electric SIM6880M Datasheet HTML 14Page - Sanken electric SIM6880M Datasheet HTML 15Page - Sanken electric SIM6880M Datasheet HTML 16Page - Sanken electric SIM6880M Datasheet HTML 17Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
SIM6800M Series
SIM6800M-DSE Rev.1.5
SANKEN ELECTRIC CO., LTD
13
Jul. 18, 2018
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2014
6.
Truth Table
Table 6-1 is a truth table that provides the logic level definitions of operation modes.
In the case where HINx and LINx signals in each phase are high at the same time, both the high- and low-side
transistors become on (simultaneous on-state). Therefore, HINx and LINx signals, the input signals for the HINx and
LINx pins, require dead time setting so that such a simultaneous on-state event can be avoided.
After the IC recovers from a UVLO_VCC condition, the low-side transistors resume switching in accordance with
the input logic levels of the LINx signals (level-triggered), whereas the high-side transistors resume switching at the
next rising edge of an HINx signal (edge-triggered).
After the IC recovers from a UVLO_VB condition, the high-side transistors resume switching at the next rising edge
of an HINx signal (edge-triggered).
Table 6-1. Truth Table for Operation Modes
Mode
HINx
LINx
High-side Transistor
Low-side Transistor
Normal Operation
L
L
OFF
OFF
H
L
ON
OFF
L
H
OFF
ON
H
H
ON
ON
External Shutdown Signal Input
FO = Low Level
L
L
OFF
OFF
H
L
ON
OFF
L
H
OFF
OFF
H
H
ON
OFF
Undervoltage Lockout for
High-side Power Supply
(UVLO_VB)
L
L
OFF
OFF
H
L
OFF
OFF
L
H
OFF
ON
H
H
OFF
ON
Undervoltage Lockout for
Low-side Power Supply
(UVLO_VCC)
L
L
OFF
OFF
H
L
OFF
OFF
L
H
OFF
OFF
H
H
OFF
OFF
Overcurrent Protection (OCP)
L
L
OFF
OFF
H
L
ON
OFF
L
H
OFF
OFF
H
H
ON
OFF
Overcurrent Limit (OCL)
(OCL = SD)
L
L
OFF
OFF
H
L
OFF
OFF
L
H
OFF
ON
H
H
OFF
ON
Thermal Shutdown (TSD)
L
L
OFF
OFF
H
L
ON
OFF
L
H
OFF
OFF
H
H
ON
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com