| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
E32-R21 Datasheet(PDF) 80 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E32-R21 Datasheet(HTML) 80 Page - Omron Electronics LLC |
|
80 / 108 page ![]() E32 E32 81 J OPERATING RANGE (CONT.) E32-CC200 with E3X-A and E3X-F amplifiers E32-CC200 with E3X-NH amplifier Diffuse, General Purpose Type Target E3X-VGj E3X-Aj E3X-Fj Sensing distance X (mm) Sensing distance X (mm) E32-CC200 with E3MC-Y amplifier E32-D11 with E3X-NH amplifier E32-D11 with E3JU-XR amplifier E32-D11L with E3X-A, E3X-F, and E3X-VG amplifiers E32-D11L with E3X-H11 amplifier E32-D11L with E3X-NH amplifier E32-D11L with E3X-NVG amplifier Sensing target: Blue/Green 38 x 38 mm Target Target 30 20 10 0 -10 -20 -30 0 25 50 75 100 Sensing distance (mm) E3X-NVG Detectable object Sensing object E3X-VGj E3X-Aj E3X-Fj Sensing object Sensing distance X (mm) Sensing distance X (mm) Sensing distance X (mm) Sensing distance X (mm) Sensing distance X (mm) Sensing distance X (mm) |