| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MBRD20100CT Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited |
|
|
|||||||||||||||||||||||||||||
MBRD20100CT Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited |
|
2 / 2 page ![]() INCHANGE Semiconductor isc website:www.iscsemi.com isc & iscsemi is registered trademark 2 Schottky Barrier Rectifier MBRD20100CT THERMAL CHARACTERISTICS SYMBOL PARAMETER MAX UNIT Rth j-a Thermal Resistance,Junction to ambient 80 ℃ /W ELECTRICAL CHARACTERISTICS (Pulse Test: Pulse Width=300us,Duty Cycle≤2%) SYMBOL PARAMETER CONDITIONS MAX UNIT VF Maximum Instantaneous Forward Voltage IF= 10A ; TC= 25℃ IF= 20A ; TC= 25℃ 1.0 1.2 V IR Maximum Instantaneous Reverse Current VR=100V, TC= 25℃ 100 µA |