Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FUSB302B01MPX Datasheet(PDF) 9 Page - ON Semiconductor

No. de pieza FUSB302B01MPX
Descripción Electrónicos  Programmable USB Type?륝 Controller w/PD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302B01MPX Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FUSB302B01MPX Datasheet HTML 5Page - ON Semiconductor FUSB302B01MPX Datasheet HTML 6Page - ON Semiconductor FUSB302B01MPX Datasheet HTML 7Page - ON Semiconductor FUSB302B01MPX Datasheet HTML 8Page - ON Semiconductor FUSB302B01MPX Datasheet HTML 9Page - ON Semiconductor FUSB302B01MPX Datasheet HTML 10Page - ON Semiconductor FUSB302B01MPX Datasheet HTML 11Page - ON Semiconductor FUSB302B01MPX Datasheet HTML 12Page - ON Semiconductor FUSB302B01MPX Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
FUSB302B
www.onsemi.com
9
Figure 9. HOST_CUR Changed prior to Attach
CC
HIGH CURRENT SETTING
MED CURRENT SETTING
0 V
ATTACH
DEFAULT CURRENT
The Type-C specification outlines different attach and
detach thresholds for a Type-C host that are based on how
much current is supplied to each CC pin. Based on the
programmed HOST_CUR setting, the software adjusts the
DAC
comparator
threshold
to
match
the
Type-C
specification requirements. The BC_LVL comparators can
also be used as part of the Ra detection flow. This is
summarized in Table 6.
Table 6. HOST INTERRUPT SUMMARY
Termination
HOST_CUR[1:0]
Interrupt Status
Attach/Detach
BC_LVL[1:0]
COMP
COMP Setting
Ra
2’b01
2’b00
NA
NA
NA
2’b10
2’b01
0
6’b00_1010 (0.42 V)
2’b11
2’b10
0
6’b01_0011 (0.8 V)
Rd
2’b01, 2’b10
NA
0
6’b10_0110 (1.6 V)
Attach
NA
1
6’b10_0110 (1.6 V)
Detach
2’b11
NA
0
6’b11_1110 (2.6 V)
Attach
NA
1
6’b11_1110 (2.6 V)
Detach
The high level software flow diagram for a Type-C Host
(SRC) is shown below in Figure 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32