Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74LVC2G14DBVT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74LVC2G14DBVT
Descripción Electrónicos  Dual Schmitt-Trigger Inverter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G14DBVT Datasheet(HTML) 21 Page - Texas Instruments

Back Button SN74LVC2G14DBVT Datasheet HTML 16Page - Texas Instruments SN74LVC2G14DBVT Datasheet HTML 17Page - Texas Instruments SN74LVC2G14DBVT Datasheet HTML 18Page - Texas Instruments SN74LVC2G14DBVT Datasheet HTML 19Page - Texas Instruments SN74LVC2G14DBVT Datasheet HTML 20Page - Texas Instruments SN74LVC2G14DBVT Datasheet HTML 21Page - Texas Instruments SN74LVC2G14DBVT Datasheet HTML 22Page - Texas Instruments SN74LVC2G14DBVT Datasheet HTML 23Page - Texas Instruments SN74LVC2G14DBVT Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
www.ti.com
PACKAGE OUTLINE
C
0.5 MAX
0.19
0.15
1
TYP
0.5 TYP
6X
0.25
0.21
0.5
TYP
B
E
A
D
4219524/A 06/2014
DSBGA - 0.5 mm max height
YZP0006
DIE SIZE BALL GRID ARRAY
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. NanoFree
TM
package configuration.
NanoFree Is a trademark of Texas Instruments.
BALL A1
CORNER
SEATING PLANE
BALL TYP
0.05 C
B
A
1
2
0.015
C A
B
SYMM
SYMM
C
SCALE 9.000
D: Max =
E: Max =
1.418 mm, Min =
0.918 mm, Min =
1.358 mm
0.858 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com