| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LPC81xM Datasheet(PDF) 11 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC81xM Datasheet(HTML) 11 Page - NXP Semiconductors |
|
11 / 78 page ![]() LPC81XM All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2018. All rights reserved. Product data sheet Rev. 4.6 — 4 April 2018 11 of 78 NXP Semiconductors LPC81xM 32-bit ARM Cortex-M0+ microcontroller U0_SCLK I/O Serial clock input/output for USART0 in synchronous mode. U1_TXD O Transmitter output for USART1. U1_RXD I Receiver input for USART1. U1_RTS O Request To Send output for USART1. U1_CTS I Clear To Send input for USART1. U1_SCLK I/O Serial clock input/output for USART1 in synchronous mode. U2_TXD O Transmitter output for USART2. U2_RXD I Receiver input for USART2. U2_RTS O Request To Send output for USART2. U2_CTS I Clear To Send input for USART2. U2_SCLK I/O Serial clock input/output for USART2 in synchronous mode. SPI0_SCK I/O Serial clock for SPI0. SPI0_MOSI I/O Master Out Slave In for SPI0. SPI0_MISO I/O Master In Slave Out for SPI0. SPI0_SSEL I/O Slave select for SPI0. SPI1_SCK I/O Serial clock for SPI1. SPI1_MOSI I/O Master Out Slave In for SPI1. SPI1_MISO I/O Master In Slave Out for SPI1. SPI1_SSEL I/O Slave select for SPI1. CTIN_0 I SCT input 0. CTIN_1 I SCT input 1. CTIN_2 I SCT input 2. CTIN_3 I SCT input 3. CTOUT_0 O SCT output 0. CTOUT_1 O SCT output 1. CTOUT_2 O SCT output 2. CTOUT_3 O SCT output 3. I2C0_SCL I/O I2C-bus clock input/output (open-drain if assigned to pin PIO0_10). High-current sink only if assigned to PIO0_10 and if I2C Fast-mode Plus is selected in the I/O configuration register. I2C0_SDA I/O I2C-bus data input/output (open-drain if assigned to pin PIO0_11). High-current sink only if assigned to pin PIO0_11 and if I2C Fast-mode Plus is selected in the I/O configuration register. ACMP_O O Analog comparator digital output. CLKOUT O Clock output. GPIO_INT_BMAT O Output of the pattern match engine. Table 5. Movable functions (assign to pins PIO0_0 to PIO_17 through switch matrix) Function name Type Description |