| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AS Datasheet(PDF) 2 Page - AVX Corporation |
|
|
|||||||||||||||||||||||||||||
AS Datasheet(HTML) 2 Page - AVX Corporation |
|
2 / 5 page ![]() 160 7 PHYSICAL DIMENSIONS Square Air Core RF Inductors AS Series MAX. MIN. B A C E D F Part Number A B C D E F AS0605N5*TR 1.346±0.102 1.829±0.254 1.397±0.102 0.962 2.60 0.51 (0.053±0.004) (0.072±0.01) (0.055±0.004) (0.038) (0.102) (0.020) AS0606N0*TR 1.295±0.102 1.829±0.254 1.397±0.102 0.99 2.60 0.51 (0.051±0.004) (0.072±0.01) (0.055±0.004) (0.390) (0.102) (0.020) AS0608N9*TR 1.626±0.152 1.829±0.254 1.397±0.102 1.27 2.60 0.51 (0.640±0.006) (0.072±0.01) (0.055±0.004) (0.050) (0.102) (0.020) AS0612N3*TR 1.930±0.152 1.829±0.254 1.397±0.102 1.63 2.60 0.51 (0.076±0.006) (0.072±0.01) (0.055±0.004) (0.064) (0.102) (0.020) AS0615N7*TR 2.286±0.152 1.829±0.254 1.397±0.102 1.96 2.60 0.51 (0.09±0.006) (0.072±0.01) (0.055±0.004) (0.070) (0.102) (0.020) AS0619N4*TR 2.591±0.152 1.829±0.254 1.397±0.102 2.29 2.60 0.51 (0.102±0.006) (0.072±0.01) (0.055±0.004) (0.090) (0.102) (0.020) AS0706N9*TR 1.295±0.102 1.829±0.254 1.524±0.254 1.02 2.60 0.51 (0.051±0.004) (0.072±0.01) (0.060±0.010) (0.040) (0.102) (0.020) AS0710N2*TR 1.626±0.152 1.829±0.254 1.524±0.254 1.32 2.60 0.51 (0.064±0.006) (0.072±0.01) (0.060±0.010) (0.052) (0.102) (0.020) AS0711N2*TR 1.549±0.152 1.829±0.254 1.524±0.254 1.24 2.60 0.51 (0.061±0.006) (0.072±0.01) (0.060±0.010) (0.049) (0.102) (0.020) AS0713N7*TR 1.930±0.152 1.829±0.254 1.524±0.254 1.57 2.60 0.51 (0.076±0.006) (0.072±0.01) (0.060±0.010) (0.062) (0.102) (0.020) AS0717N0*TR 2.286±0.152 1.829±0.254 1.524±0.254 1.93 2.60 0.51 (0.09±0.006) (0.072±0.01) (0.060±0.010) (0.076) (0.102) (0.020) AS0722N0*TR 2.591±0.152 1.829±0.254 1.524±0.254 2.29 2.60 0.51 (0.102±0.006) (0.072±0.01) (0.060±0.010) (0.090) (0.102) (0.020) AS0808N1*TR 1.473±0.152 2.134±0.152 1.829±0.152 1.12 2.80 0.64 (0.058±0.006) (0.084±0.006) (0.072±0.006) (0.044) (0.110) (0.025) AS0812N0*TR 1.854±0.152 2.134±0.152 1.829±0.152 1.45 2.80 0.64 (0.073±0.006) (0.084±0.006) (0.072±0.006) (0.570) (0.110) (0.025) AS0814N7*TR 1.549±0.152 2.134±0.152 1.829±0.152 1.24 2.80 0.64 (0.061±0.006) (0.084±0.006) (0.072±0.006) (0.049) (0.110) (0.025) AS0816N6*TR 2.210±0.152 2.134±0.152 1.829±0.152 1.83 2.80 0.64 (0.087±0.006) (0.084±0.006) (0.072±0.006) (0.072) (0.110) (0.025) AS0821N5*TR 2.565±0.152 2.134±0.152 1.829±0.152 2.18 2.80 0.64 (0.101±0.006) (0.084±0.006) (0.072±0.006) (0.086) (0.110) (0.025) AS0823N0*TR 2.235±0.152 2.134±0.152 1.829±0.152 1.90 2.80 0.64 (0.088±0.006) (0.084±0.006) (0.072±0.006) (0.075) (0.110) (0.025) AS0825N0*TR 2.972±0.152 2.134±0.152 1.829±0.152 2.57 2.80 0.64 (0.117±0.006) (0.084±0.006) (0.072±0.006) (0.101) (0.110) (0.025) AS0827N3*TR 2.972±0.152 2.134±0.152 1.829±0.152 2.57 2.80 0.64 (0.117±0.006) (0.084±0.006) (0.072±0.006) (0.101) (0.110) (0.025) mm (inches) |