Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HT83 Datasheet(PDF) 2 Page - Bi technologies

No. de pieza HT83
Descripción Electrónicos  Common Mode Chokes for High Speed Telecommunications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BITECH [Bi technologies]
Página de inicio  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HT83 Datasheet(HTML) 2 Page - Bi technologies

  HT83 Datasheet HTML 1Page - Bi technologies HT83 Datasheet HTML 2Page - Bi technologies HT83 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
.400
10.16
.400
10.16
.200
5.08
.600
15.2
Max.
.130
±.01
3.3
±.25
.600
15.2
.400
10.16
Max.
Max.
HT83-99654
6-160
Model HT83 Series
.400
10.16
.270
6.86
.100
2.54
1
.424
10.76
.100
2.54
HT83-99626
HT83-99626L
.429
10.90
.315
8.00
.307
7.80
.100
2.54
.30
7.62
.05
1.27
.100
2.54
.08
2.03
.08
2.03
Recommended PCB Layout
.047
1.20
.300
7.62
HT83-99626A - Surface Mount
.300
7.62
.300
7.62
.100
2.54
.400
10.16
Max.
.120
3.04
.400
10.16
.250
6.35
Max.
Typ.
Max.
HT83-99655
HT83-99654 - Through Hole
HT83-99655 - Through Hole
OUTLINE DIMENSIONS (Inch/mm)
HT83-99626L - Surface Mount, Low Cost Version



Html Pages

1 2 3