| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
25LC160A-E/ST Datasheet(PDF) 3 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
25LC160A-E/ST Datasheet(HTML) 3 Page - Microchip Technology |
|
3 / 24 page ![]() 2003 Microchip Technology Inc. DS21807B-page 3 25XX160A/B TABLE 1-2: AC CHARACTERISTICS AC CHARACTERISTICS Industrial (I): T AMB = -40°C to +85°C V CC = 1.8V to 5.5V Automotive (E): T AMB = -40°C to +125°C VCC = 2.5V to 5.5V Param. No. Sym. Characteristic Min. Max. Units Test Conditions 1F CLK Clock Frequency — — — 10 5 3 MHz MHz MHz 4.5V ≤ VCC ≤ 5.5V 2.5V ≤ VCC < 4.5V 1.8V ≤ VCC < 2.5V 2T CSS CS Setup Time 50 100 150 — — — ns ns ns 4.5V ≤ VCC ≤ 5.5V 2.5V ≤ VCC < 4.5V 1.8V ≤ VCC < 2.5V 3T CSH CS Hold Time 100 200 250 — — — ns ns ns 4.5V ≤ VCC ≤ 5.5V 2.5V ≤ VCC < 4.5V 1.8V ≤ VCC < 2.5V 4T CSD CS Disable Time 50 — ns — 5 Tsu Data Setup Time 10 20 30 — — — ns ns ns 4.5V ≤ VCC ≤ 5.5V 2.5V ≤ VCC < 4.5V 1.8V ≤ VCC < 2.5V 6T HD Data Hold Time 20 40 50 — — — ns ns ns 4.5V ≤ VCC ≤ 5.5V 2.5V ≤ VCC < 4.5V 1.8V ≤ VCC < 2.5V 7T R CLK Rise Time — 500 ns (Note 1) 8T F CLK Fall Time — 500 ns (Note 1) 9T HI Clock High Time 50 100 150 — — — ns ns ns 4.5V ≤ VCC ≤ 5.5V 2.5V ≤ VCC < 4.5V 1.8V ≤ VCC < 2.5V 10 T LO Clock Low Time 50 100 150 — — — ns ns ns 4.5V ≤ VCC ≤ 5.5V 2.5V ≤ VCC < 4.5V 1.8V ≤ VCC < 2.5V 11 T CLD Clock Delay Time 50 — ns — 12 T CLE Clock Enable Time 50 — ns — 13 T V Output Valid from Clock Low — — — 50 100 160 ns ns ns 4.5V ≤ VCC ≤ 5.5V 2.5V ≤ VCC < 4.5V 1.8V ≤ VCC < 2.5V 14 T HO Output Hold Time 0 — ns (Note 1) 15 T DIS Output Disable Time — — — 40 80 160 ns ns ns 4.5V ≤ VCC ≤ 5.5V (Note 1) 2.5V ≤ VCC ≤ 4.5V (Note 1) 1.8V ≤ VCC ≤ 2.5V (Note 1) 16 T HS HOLD Setup Time 20 40 80 — — — ns ns ns 4.5V ≤ VCC ≤ 5.5V 2.5V ≤ VCC < 4.5V 1.8V ≤ VCC < 2.5V Note 1: This parameter is periodically sampled and not 100% tested. 2: This parameter is not tested but ensured by characterization. For endurance estimates in a specific application, please consult the Total Endurance™ Model which can be obtained from our web site: www.microchip.com. 3: T WC begins on the rising edge of CS after a valid write sequence and ends when the internal write cycle is complete. |