Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

APL3516 Datasheet(PDF) 9 Page - Anpec Electronics Coropration

No. de pieza APL3516
Descripción Electrónicos  Power-Distribution Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANPEC [Anpec Electronics Coropration]
Página de inicio  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3516 Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APL3516_14 Datasheet HTML 5Page - Anpec Electronics Coropration APL3516_14 Datasheet HTML 6Page - Anpec Electronics Coropration APL3516_14 Datasheet HTML 7Page - Anpec Electronics Coropration APL3516_14 Datasheet HTML 8Page - Anpec Electronics Coropration APL3516_14 Datasheet HTML 9Page - Anpec Electronics Coropration APL3516_14 Datasheet HTML 10Page - Anpec Electronics Coropration APL3516_14 Datasheet HTML 11Page - Anpec Electronics Coropration APL3516_14 Datasheet HTML 12Page - Anpec Electronics Coropration APL3516_14 Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Jun., 2014
APL3516
www.anpec.com.tw
9
Pin Description
PIN
NO.
NAME
FUNCTION
1
GND
Ground.
2, 3
VIN
Power Supply Input. Connect this pin to external DC supply.
EN
(APL3516A/C)
Enable Input. Pull this pin to high to enable the device and pull this pin to low to disable device.
The EN pin cannot be left floating.
4
ENB
(APL3516B/D)
Enable Input. Pull this pin to high to disable the device and pull this pin to low to enable device.
The ENB pin cannot be left floating.
5
OCB
Fault Indication Pin. This pin goes low when a current limit or an over-temperature condition is
detected after a 8ms deglitch time.
6, 7, 8
VOUT
Output Voltage Pin. The output voltage follows the input voltage. When ENB is high or EN is low,
the output voltage is discharged by an internal resistor.
Block Diagram
Gate Driver and
Control Logic
UVLO
VIN
VOUT
Charge
Pump
OCB
EN/ENB
OTP
GND
Current
Limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com