Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LR9270LG-12-AF5-R Datasheet(PDF) 5 Page - Unisonic Technologies

No. de pieza LR9270LG-12-AF5-R
Descripción Electrónicos  800mA LDO REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR9270LG-12-AF5-R Datasheet(HTML) 5 Page - Unisonic Technologies

  LR9270LG-12-AF5-R Datasheet HTML 1Page - Unisonic Technologies LR9270LG-12-AF5-R Datasheet HTML 2Page - Unisonic Technologies LR9270LG-12-AF5-R Datasheet HTML 3Page - Unisonic Technologies LR9270LG-12-AF5-R Datasheet HTML 4Page - Unisonic Technologies LR9270LG-12-AF5-R Datasheet HTML 5Page - Unisonic Technologies LR9270LG-12-AF5-R Datasheet HTML 6Page - Unisonic Technologies LR9270LG-12-AF5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LR9270
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R502-A62.E
ELECTRICAL CHARACTERISTICS(Cont.)
LR9270H-xx
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage
VIN
6.0
V
Supply Current
ISS
VIN-VOUT=1.0V, VCE=VIN
80
160
µA
Standby Current
ISTB
VIN=6.0V, VCE=GND
0.1
1.0
µA
Output Voltage
VOUT
VIN-VOUT=1.0V, IOUT=100mA
x0.98
x1.02
V
Output Current
IOUT
VIN-VOUT=1.0V
800
mA
Load Regulation
∆VOUT
VIN-VOUT=1.0V, 1mA≤IOUT≤300mA
30
100
mV
VOUT=1.2
0.6
0.7
V
VOUT=1.5
0.35
0.45
V
VOUT=1.6
0.30
0.35
V
VOUT=1.7
0.25
0.30
V
VOUT=1.8≤VOUT≤2.0
0.20
0.25
V
VOUT=2.1≤VOUT≤2.4
0.15
0.20
V
Dropout Voltage
VDIF
IOUT=300mA
VOUT=2.5≤VOUT≤4.0
0.12
0.18
V
Line Regulation
∆VOUT/∆VIN IOUT=100mA, VOUT+0.5V≤VIN≤6.0V
0.05
0.30
%/V
Ripple Rejection
RR
f=1kHz,Ripple 0.5Vp-p
50
dB
Output Voltage
Temperature Coefficient
∆VOUT/∆T
-40°C≤TOPT≤ 85°C
±100
ppm
/°C
Short Current Limit
ILIM
VOUT=0V
40
mA
Pull-down resistance for CE
pin
RPD
5.0
MΩ
CE Input Voltage “H”
VCEH
1.5
V
CE Input Voltage “L”
VCEL
0.25
V



Html Pages

1 2 3 4 5 6 7