| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DM74LS126AM Datasheet(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DM74LS126AM Datasheet(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 4 page ![]() TLF6388 September 1991 DM74LS126A Quad TRI-STATE Buffer General Description This device contains four independent gates each of which performs a non-inverting buffer function The outputs have the TRI-STATE feature When enabled the outputs exhibit the low impedance characteristics of a standard LS output with additional drive capability to permit the driving of bus lines without external resistors When disabled both the output transistors are turned off presenting a high-imped- ance state to the bus line Thus the output will act neither as a significant load nor as a driver To minimize the possibility that two outputs will attempt to take a common bus to oppo- site logic levels the disable time is shorter than the enable time of the outputs Connection Diagram Dual-In-Line Package TLF6388 – 1 Order Number DM74LS126AM or DM74LS126AN See NS Package Number M14A or N14A Function Table Y e A Inputs Output AC Y LH L HH H X L Hi-Z H e High Logic Level L e Low Logic Level X e Either Low or High Logic Level Hi-Z e TRI-STATE (Outputs are disabled) TRI-STATE is a registered trademark of National Semiconductor Corporation C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
Número de pieza similar - DM74LS126AM |
|
Descripción similar - DM74LS126AM |