| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PC7410 Datasheet(PDF) 5 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
PC7410 Datasheet(HTML) 5 Page - ATMEL Corporation |
|
5 / 54 page ![]() 5 PC7410 2141D–HIREL–02/04 – Completion of instructions in program order while supporting out-of-order instruction execution, completion serialization and all instruction flow changes • Fixed-point Units (FXUs) that Share 32 GPRs for Integer Operands – Fixed-point unit 1 (FXU1)—multiply, divide, shift, rotate, arithmetic, logical – Fixed-point unit 2 (FXU2)—shift, rotate, arithmetic, logical – Single-cycle arithmetic, shifts, rotates, logical – Multiply and divide support (multi-cycle) – Early out multiply • Three-stage Floating-point Unit and a 32-entry FPR File – Support for IEEE-754 standard single- and double-precision floating-point arithmetic – Three-cycle latency, one-cycle throughput (single or double precision) – Hardware support for divide – Hardware support for denormalized numbers – Time deterministic non-IEEE mode • System Unit – Executes CR logical instructions and miscellaneous system instructions – Special register transfer instructions • AltiVec Unit – Full 128-bit data paths – Two dispatchable units: vector permute unit and vector ALU unit – Contains its own 32-entry 128-bit vector register file (VRF) with six renames – The vector ALU unit is further sub-divided into the vector simple integer unit (VSIU), the vector complex integer unit (VCIU) and the vector floating-point unit (VFPU). – Fully pipelined • Load/Store Unit – One-cycle load or store cache access (byte, half-word, word, double-word) – Two-cycle load latency with one-cycle throughput – Effective address generation – Hits under misses (multiple outstanding misses) – Single-cycle unaligned access within double-word boundary – Alignment, zero padding, sign extend for integer register file – Floating-point internal format conversion (alignment, normalization) – Sequencing for load/store multiples and string operations – Store gathering – Executes the cache and TLB instructions – Big- and little-endian byte addressing supported – Misaligned little-endian supported – Supports FXU, FPU, and AltiVec load/store traffic – Complete support for all four architecture AltiVec DST streams • Level 1 (L1) Cache Structure – 32K 32-byte line, 8-way set associative instruction cache (iL1) |