Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SSM2518CBZ-R7 Datasheet(PDF) 15 Page - Analog Devices

No. de pieza SSM2518CBZ-R7
Descripción Electrónicos  Digital Input Stereo, 2 W, Class-D Audio Power Amplifier
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

SSM2518CBZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button SSM2518CBZ-R7 Datasheet HTML 11Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 12Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 13Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 14Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 15Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 16Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 17Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 18Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
Datasheet
SSM2518
Rev. B | Page 15 of 48
MCLK pin to serve as the internal bit clock as well. In this case,
tie the BCLK pin to ground.
Once the SSM2518 has entered its power-down state, it is
possible to gate the clocks to conserve system power. However, a
valid master clock must be present for the audio amplifier to
operate. It is best to use a low jitter clock (less than 1 ns peak-
to-peak) to ensure the specified audio performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48