Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MM82PC12VI/883 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza MM82PC12VI/883
Descripción Electrónicos  8-Bit Input/Output Port
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM82PC12VI/883 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  MM82PC12VI/883 Datasheet HTML 1Page - National Semiconductor (TI) MM82PC12VI/883 Datasheet HTML 2Page - National Semiconductor (TI) MM82PC12VI/883 Datasheet HTML 3Page - National Semiconductor (TI) MM82PC12VI/883 Datasheet HTML 4Page - National Semiconductor (TI) MM82PC12VI/883 Datasheet HTML 5Page - National Semiconductor (TI) MM82PC12VI/883 Datasheet HTML 6Page - National Semiconductor (TI) MM82PC12VI/883 Datasheet HTML 7Page - National Semiconductor (TI) MM82PC12VI/883 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Connection Diagrams
Dual-In-Line Package
TLC5596 – 10
Top View
Order Number MM82PC12J or N
See NS Package Number J24A or
N24A
Plastic Chip Carrier
TLC5596 – 12
Top View
Order Number MM82PC12V
See NS Package Number V28A
Logic Diagram
TLC5596 – 11
Logic Table A
STB
MD
DS1  DS2
Data Out
Equals
0
0
0
TRI-STATE
1
0
0
TRI-STATE
0
1
0
Data Latch
1
1
0
Data Latch
0
0
1
Data Latch
1
0
1
Data In
0
1
1
Data In
1
1
1
Data In
Note
CLR
K resets data latch to the output low state The data latch
clock is level sensitive a low level clock latches the data
Logic Table B
CLR
DS1  DS2
STB
Q
INT
0 RESET
0
0
0
1
10
0
0
1
10
K
10
1
1 RESET
0
0
0
10
0
0
1
Internal Service Request flip-flop
5



Html Pages

1 2 3 4 5 6 7 8