Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMV1500LFD Datasheet(PDF) 7 Page - STMicroelectronics

No. de pieza DMV1500LFD
Descripción Electrónicos  DAMPER MODULATION DIODE FOR VIDEO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DMV1500LFD Datasheet(HTML) 7 Page - STMicroelectronics

  DMV1500LFD Datasheet HTML 1Page - STMicroelectronics DMV1500LFD Datasheet HTML 2Page - STMicroelectronics DMV1500LFD Datasheet HTML 3Page - STMicroelectronics DMV1500LFD Datasheet HTML 4Page - STMicroelectronics DMV1500LFD Datasheet HTML 5Page - STMicroelectronics DMV1500LFD Datasheet HTML 6Page - STMicroelectronics DMV1500LFD Datasheet HTML 7Page - STMicroelectronics DMV1500LFD Datasheet HTML 8Page - STMicroelectronics DMV1500LFD Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DMV1500L
7/9
Figure 18: TO-220FPAB Package Mechanical Data
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.4
4.9
0.173
0.192
B
2.5
2.9
0.098
0.114
D
2.45
2.75
0.096
0.108
E
0.4
0.7
0.016
0.027
F
0.6
1
0.024
0.039
F1
1.15
1.7
0.045
0.067
F2
1.15
1.7
0.045
0.067
G
4.95
5.2
0.195
0.205
G1
2.4
2.7
0.094
0.106
H
10
10.7
0.393
0.421
L2
16 Typ.
0.630 Typ.
L3
28.6
30.6
1.126
1.205
L4
9.8
10.7
0.385
0.421
L6
15.8
16.4
0.622
0.646
L7
9
9.9
0.354
0.390
Dia.
2.9
3.5
0.114
0.138



Html Pages

1 2 3 4 5 6 7 8 9