| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ATSAM9753 Datasheet(PDF) 21 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATSAM9753 Datasheet(HTML) 21 Page - ATMEL Corporation |
|
21 / 23 page ![]() 21 ATSAM9753 1774D–DRMSD–11/02 Note: 1. In alternate output mode, GPIO3 is configured as output and GPIO3 = DBACK (ATSAM9753_GPIO_reg[1]). Note: 1. In alternate mode, GPIO4 is used for serial debug data: In input, ATSAM9753_GPIO[2] (DBIN) = GPIO4 In output, GPIO4 = ATSAM9753_GPIO_Reg[2] (DBOUT). Table 20. GPIO3 Normal Input Mode Normal Output Mode Alt Output Mode (1) ATSAM97xx_config_Reg[3] 0 1 x DEBUG Pin 110 Table 21. GPIO4 Normal Input Mode Normal Output Mode Alt Output Mode (1) Alt Output Mode (1) ATSAM9753_GPIO_Reg[6] 0 1 x x ATSAM9753_GPIO_Reg[0] x x 0 1 DEBUG Pin 1 1 0 0 |