Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RIF-2-RPT-LV-24AC Datasheet(PDF) 1 Page - PHOENIX CONTACT

No. de pieza RIF-2-RPT-LV-24AC
Descripción Electrónicos  Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, plug-in display/suppressor module, and retaining bracket. Contact type: 4 PDTs. Input voltage: 24 V AC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

RIF-2-RPT-LV-24AC Datasheet(HTML) 1 Page - PHOENIX CONTACT

  RIF-2-RPT-LV-24AC Datasheet HTML 1Page - PHOENIX CONTACT RIF-2-RPT-LV-24AC Datasheet HTML 2Page - PHOENIX CONTACT RIF-2-RPT-LV-24AC Datasheet HTML 3Page - PHOENIX CONTACT RIF-2-RPT-LV-24AC Datasheet HTML 4Page - PHOENIX CONTACT RIF-2-RPT-LV-24AC Datasheet HTML 5Page - PHOENIX CONTACT RIF-2-RPT-LV-24AC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
https://www.phoenixcontact.com/us/products/2903306
3/7/14   Page 1 / 6
Relay Module - RIF-2-RPT-LV-24AC/4X21 - 2903306
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, plug-in
display/suppressor module, and retaining bracket. Contact type: 4 PDTs. Input voltage: 24 V AC
The figure shows the 24 V DC
version
Key commercial data
Packing unit
1 pc
Weight per Piece (excluding packing)
104.0 GRM
Custom tariff number
85364110
Country of origin
Germany
Technical data
Dimensions
Width
31 mm
Height
96 mm
Depth
75 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 50 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Coil side
Nominal input voltage UN
24 V AC
Input voltage range in reference to UN
(see diagram)
Nominal input current at UIN
70 mA
Typical response time
5 ms ... 15 ms
Typical release time range
5 ms ... 20 ms
Operating voltage display
Yellow LED


Número de pieza similar - RIF-2-RPT-LV-24AC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
RIF-2-RPT-LV-230AC PHOENIX-RIF-2-RPT-LV-230AC Datasheet
115Kb / 6P
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, plug-in display/suppressor module, and retaining bracket. Contact type: 4 PDTs. Input voltage: 230 V AC
More results

Descripción similar - RIF-2-RPT-LV-24AC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
RIF-1-RPT-LV-24AC PHOENIX-RIF-1-RPT-LV-24AC Datasheet
116Kb / 6P
Pre-assembled relay module with push-in connection, consisting of: relay base, multi-layer contact relay, plug-in display/suppressor module, and retaining bracket. Contact type: 2 PDTs. Input voltage: 24 V AC
RIF-1-RPT-LV-120AC PHOENIX-RIF-1-RPT-LV-120AC Datasheet
116Kb / 6P
Pre-assembled relay module with push-in connection, consisting of: relay base, multi-layer contact relay, plug-in display/suppressor module, and retaining bracket. Contact type: 2 PDTs. Input voltage: 120 V AC
RIF-2-RPT-LDP-24DC PHOENIX-RIF-2-RPT-LDP-24DC Datasheet
116Kb / 6P
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, and retaining bracket. Contact type: 4 PDTs. Input voltage: 24 V DC
RIF-2-RPT-LV-120AC PHOENIX-RIF-2-RPT-LV-120AC Datasheet
115Kb / 6P
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, plug-in display/suppressor module, and retaining bracket. Contact type: 4 PDTs. Input voltage: 120 V AC
RIF-2-RPT-LV-230AC PHOENIX-RIF-2-RPT-LV-230AC Datasheet
115Kb / 6P
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, plug-in display/suppressor module, and retaining bracket. Contact type: 4 PDTs. Input voltage: 230 V AC
RIF-3-RPT-LV-120AC PHOENIX-RIF-3-RPT-LV-120AC Datasheet
115Kb / 6P
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, plug-in display/suppressor module, and retaining bracket.
RIF-3-RPT-LV-230AC PHOENIX-RIF-3-RPT-LV-230AC Datasheet
115Kb / 6P
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, plug-in display/suppressor module, and retaining bracket.
RIF-4-RPT-LV-120AC PHOENIX-RIF-4-RPT-LV-120AC Datasheet
117Kb / 7P
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, plug-in display/suppressor module, and retaining bracket.
RIF-4-RPT-LV-230AC PHOENIX-RIF-4-RPT-LV-230AC Datasheet
117Kb / 7P
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, plug-in display/suppressor module, and retaining bracket.
RIF-1-RPT-LDP-12DC PHOENIX-RIF-1-RPT-LDP-12DC Datasheet
92Kb / 6P
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, plug-in display/suppressor module, and retaining bracket. Contact type: 2 PDTs. Input voltage: 12 V DC
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com