Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

WT-1201 Datasheet(PDF) 2 Page - Soberton Inc.

No. de pieza WT-1201
Descripción Electrónicos  THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SOBERTON [Soberton Inc.]
Página de inicio  http://www.soberton.com
Logo SOBERTON - Soberton Inc.

WT-1201 Datasheet(HTML) 2 Page - Soberton Inc.

  WT-1201_17 Datasheet HTML 1Page - Soberton Inc. WT-1201_17 Datasheet HTML 2Page - Soberton Inc. WT-1201_17 Datasheet HTML 3Page - Soberton Inc. WT-1201_17 Datasheet HTML 4Page - Soberton Inc. WT-1201_17 Datasheet HTML 5Page - Soberton Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: WT-1201
PRODUCT: Electromagnetic Buzzer
EDITION: A/2016
RELIABILITY TEST (CONTINUED)
item
test condition and requirement
drop test
Drop on a hard wood board of 4cm thick, any directions , 6 times,
at the height of 75cm .
Allowable variation of SPL after test: ±10dB
vibration test
After being applied vibration of amplitude of 1.5mm with 10 to 55 Hz
band of vibration frequency to each of 3 perpendicular directions for 2 hours .
Allowable variation of SPL after test: ±10dB.
solderability test
Lead terminals are immersed in rosin for 5 seconds and then immersed in
solder bath of +300±5ºC for 3±1 seconds .
90% min. lead terminals will be wet with solder
(Except the edge of terminals).
terminal strength
pulling test
The force of 9.8N(1.0kg) is applied to each terminal in axial direction for 10 seconds.
No visible damage and cutting off.
TEST CONDITION
Standard Test Condition: a) Temperature : +5 ~ +35ºC
b) Humidity : 45 ~ 85%
c) Pressure : 860 ~ 1060mbar
TESTING METHOD
Standard Measurement conditions : Temperature: 25±2ºC Humidity:45 ~ 65%
ACOUSTIC CHARACTERISTICS:
PAGE 2/5
The oscillation frequency, current consumption and sound pressure are measured by the measuring instruments shown below:
In the measuring test, buzzer is placed as follows:



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com