Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PSF21150 Datasheet(PDF) 97 Page - Infineon Technologies AG

No. de pieza PSF21150
Descripción Electrónicos  IPAC-X ISDN PC ADAPTER CIRCUIT
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PSF21150 Datasheet(HTML) 97 Page - Infineon Technologies AG

Back Button PSF21150 Datasheet HTML 93Page - Infineon Technologies AG PSF21150 Datasheet HTML 94Page - Infineon Technologies AG PSF21150 Datasheet HTML 95Page - Infineon Technologies AG PSF21150 Datasheet HTML 96Page - Infineon Technologies AG PSF21150 Datasheet HTML 97Page - Infineon Technologies AG PSF21150 Datasheet HTML 98Page - Infineon Technologies AG PSF21150 Datasheet HTML 99Page - Infineon Technologies AG PSF21150 Datasheet HTML 100Page - Infineon Technologies AG PSF21150 Datasheet HTML 101Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 272 page
background image
PSB 21150
PSF 21150
Description of Functional Blocks
Data Sheet
97
2000-07-21
IOM-2 Frame Structure (LT-S, LT-T Modes)
This mode is used in LT-S and LT-T applications. The frame is a multiplex of up to eight
IOM-2 channels (DCL = 4096 kHz, Figure 49), each of which has the structure
described above.
The reset value for assignment to one of the eight channels (0 to 7) is done via pin
strapping (CH0-2), however the host can reprogram the selected timeslot in
DCH_TSDP.TSS.
Figure 49
Multiplexed Frame Structure of the IOM-2 Interface
in Non-TE Timing Mode
IOM-2 Frame Structure (NT Mode)
In NT mode one IOM-2 channel is used (DCL=512 kHz). The channel structure is the
same as described above.
ITD09635
CH1
CH2
CH3
CH4
CH5
CH6
CH7
CH0
CH0
CH7
CH6
CH5
CH4
CH3
CH2
CH1
B1
B2
MONITOR
D
C/I
MM
RX
125
FSC
DCL
DD
DU
s
µ
IOM CH0
IOM CH0
R
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com