| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
X9110 Datasheet(PDF) 7 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
X9110 Datasheet(HTML) 7 Page - Renesas Technology Corp |
|
7 / 18 page ![]() X9110 FN8158 Rev 5.00 Page 7 of 18 October 28, 2016 ID3 ID2 ID1 ID0 0 0 A0 I2 I1 I0 RB RA SCK SI CS 0101 R/W DEVICE ID INTERNAL INSTRUCTION OPCODE ADDRESS REGISTER 0 0 0 0 ADDRESS 0 0 0 FIGURE 4. TWO-BYTE INSTRUCTION SEQUENCE ID3 ID2 ID1 ID0 0 A0 R/W I2 00 SCK SI 0 0 X X0 0 XX X W C R 9 W C R 8 W C R 7 W C R 6 W C R 5 W C R 4 W C R 3 W C R 2 W C R 1 W C R 0 CS I1 I0 0 RB RA 0 101 0 XX X DEVICE ID INTERNAL ADDRESS INSTRUCTION OPCODE REGISTER ADDRESS WIPER POSITION 0 FIGURE 5. FOUR-BYTE INSTRUCTION SEQUENCE (WRITE OR READ FOR WCR OR DATA REGISTERS) ID3 ID2 ID1 ID0 0 A0 R/W I2 00 SCK SI 1 0 X X0 0 XX X WIP CS I1 I0 0 RB RA 01 0 1 0 XX X DEVICE ID INTERNAL ADDRESS INSTRUCTION OPCODE REGISTER ADDRESS STATUS BIT X X 0 00 0 0 0 0 0 0 FIGURE 6. FOUR-BYTE INSTRUCTION SEQUENCE (READ STATUS REGISTERS) |