| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
X9C503PIZ Datasheet(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
X9C503PIZ Datasheet(HTML) 2 Page - Renesas Technology Corp |
|
2 / 10 page ![]() X9C102, X9C103, X9C104, X9C503 FN8222 Rev 3.00 Page 2 of 10 July 20, 2009 Ordering Information PART NUMBER PART MARKING RTOTAL (k ) TEMP RANGE (°C) PACKAGE PACKAGE DWG. # X9C102P X9C102P 1 0 to +70 8 Ld PDIP MDP0031 X9C102PZ (Notes 1, 2) X9C102P Z 0 to +70 8 Ld PDIP (Pb-free) MDP0031 X9C102PI X9C102P I -40 to +85 8 Ld PDIP MDP0031 X9C102PIZ (Notes 1, 2) X9C102P ZI -40 to +85 8 Ld PDIP (Pb-free) MDP0031 X9C102S*, ** X9C102S 0 to +70 8 Ld SOIC MDP0027 X9C102SZ* (Note 1) X9C102S Z 0 to +70 8 Ld SOIC (Pb-free) MDP0027 X9C102SI*, ** X9C102S I -40 to +85 8 Ld SOIC MDP0027 X9C102SIZ*, ** (Note 1) X9C102S ZI -40 to +85 8 Ld SOIC (Pb-free) MDP0027 X9C103P X9C103P 10 0 to +70 8 Ld PDIP MDP0031 X9C103PZ (Notes 1, 2) X9C103P Z 0 to +70 8 Ld PDIP (Pb-free) MDP0031 X9C103PI X9C103P I -40 to +85 8 Ld PDIP MDP0031 X9C103PIZ (Note 1) X9C103P ZI -40 to +85 8 Ld PDIP (Pb-free) MDP0031 X9C103S*, ** X9C103S 0 to +70 8 Ld SOIC MDP0027 X9C103SZ*, ** (Note 1) X9C103S Z 0 to +70 8 Ld SOIC (Pb-free) MDP0027 X9C103SI*, ** X9C103S I -40 to +85 8 Ld SOIC MDP0027 X9C103SIZ*, ** (Note 1) X9C103S ZI -40 to +85 8 Ld SOIC (Pb-free) MDP0027 X9C503P X9C503P 50 0 to +70 8 Ld PDIP MDP0031 X9C503PZ (Notes 1, 2) X9C503P Z 0 to +70 8 Ld PDIP (Pb-free) MDP0031 X9C503PI X9C503P I -40 to +85 8 Ld PDIP MDP0031 X9C503PIZ (Notes 1, 2) X9C503P ZI -40 to +85 8 Ld PDIP (Pb-free) MDP0031 X9C503S* X9C503S 0 to +70 8 Ld SOIC MDP0027 X9C503SZ* (Note 1) X9C503S Z 0 to +70 8 Ld SOIC (Pb-free) MDP0027 X9C503SI*, ** X9C503S I -40 to +85 8 Ld SOIC MDP0027 X9C503SIZ*, ** (Note 1) X9C503S ZI -40 to +85 8 Ld SOIC (Pb-free) MDP0027 X9C104P X9C104P 100 0 to +70 8 Ld PDIP MDP0031 X9C104PI X9C104P I -40 to +85 8 Ld PDIP MDP0031 X9C104PIZ (Notes 1, 2) X9C104P ZI -40 to +85 8 Ld PDIP (Pb-free) MDP0031 X9C104S*, ** X9C104S 0 to +70 8 Ld SOIC MDP0027 X9C104SZ*, ** (Note 1) X9C104S Z 0 to +70 8 Ld SOIC (Pb-free) MDP0027 X9C104SI*, ** X9C104S I -40 to +85 8 Ld SOIC MDP0027 X9C104SIZ*, ** (Note 1) X9C104S ZI -40 to +85 8 Ld SOIC (Pb-free) MDP0027 *Add “T1” suffix for tape and reel. Please refer to TB347 for details on reel specifications. **Add “T2” suffix for tape and reel. Please refer to TB347 for details on reel specifications. NOTES: 1. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 2. Pb-free PDIPs can be used for through-hole wave solder processing only. They are not intended for use in Reflow solder processing applications. |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |