| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
X9C503PI Datasheet(PDF) 7 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
X9C503PI Datasheet(HTML) 7 Page - Renesas Technology Corp |
|
7 / 10 page ![]() X9C102, X9C103, X9C104, X9C503 FN8222 Rev 3.00 Page 7 of 10 July 20, 2009 Instructions and Programming The INC, U/D and CS inputs control the movement of the wiper along the resistor array. With CS set LOW, the device is selected and enabled to respond to the U/D and INC inputs. HIGH to LOW transitions on INC will increment or decrement (depending on the state of the U/D input) a 7-bit counter. The output of this counter is decoded to select one of one-hundred wiper positions along the resistive array. The value of the counter is stored in non-volatile memory whenever CS transitions HIGH while the INC input is also HIGH. The system may select the X9Cxxx, move the wiper and deselect the device without having to store the latest wiper position in non-volatile memory. After the wiper movement is performed as previously described and once the new position is reached, the system must keep INC LOW while taking CS HIGH. The new wiper position will be maintained until changed by the system or until a power-down/up cycle recalled the previously stored data. This procedure allows the system to always power-up to a pre- set value stored in non-volatile memory; then during system operation, minor adjustments could be made. The adjustments might be based on user preference, i.e.: system parameter changes due to temperature drift, etc. The state of U/D may be changed while CS remains LOW. This allows the host system to enable the device and then move the wiper up and down until the proper trim is attained. Symbol Table Performance Characteristics Contact the factory for more information. Applications Information Electronic digitally controlled (XCDP) potentiometers provide three powerful application advantages: 1. The variability and reliability of a solid-state potentiometer. 2. The flexibility of computer-based digital controls. 3. The retentivity of non-volatile memory used for the storage of multiple potentiometer settings or data. Mode Selection CS INC U/D MODE L H Wiper Up L L Wiper Down H X Store Wiper Position H X X Standby Current L X No Store, Return to Standby L H Wiper Up (not recommended) L L Wiper Down (not recommended) WAVEFORM INPUTS OUTPUTS Must be steady Will be steady May change from Low to High Will change from Low to High May change from High to Low Will change from High to Low Don’t Care: Changes Allowed Changing: State Not Known N/A Center Line is High Impedance |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |