Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL6334DIRZ Datasheet(PDF) 16 Page - Renesas Technology Corp

No. de pieza ISL6334DIRZ
Descripción Electrónicos  VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and LoadCurrent Monitoring Features
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6334DIRZ Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ISL6334DIRZ Datasheet HTML 12Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 13Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 14Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 15Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 16Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 17Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 18Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 19Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
ISL6334D
FN6802 Rev 4.00
Page 16 of 28
Apr 29, 2016
0101
0
000
1.11250
0
1
0
1
0
0
0
1
1.10625
0
1
0
1
0
0
1
0
1.10000
0101
0
011
1.09375
0101
0
100
1.08750
0101
0
101
1.08125
0
1
0
1
0
1
1
0
1.07500
0101
0
111
1.06875
0
1
0
1
1
0
0
0
1.06250
0
1
0
1
1
0
0
1
1.05625
0
1
0
1
1
0
1
0
1.05000
0101
1
011
1.04375
0101
1
100
1.03750
0101
1
101
1.03125
0
1
0
1
1
1
1
0
1.02500
0101
1
111
1.01875
0110
0
000
1.01250
0
1
1
0
0
0
0
1
1.00625
0
1
1
0
0
0
1
0
1.00000
0110
0
011
0.99375
0110
0
100
0.98750
0110
0
101
0.98125
0
1
1
0
0
1
1
0
0.97500
0110
0
111
0.96875
0
1
1
0
1
0
0
0
0.96250
0
1
1
0
1
0
0
1
0.95625
0
1
1
0
1
0
1
0
0.95000
0110
1
011
0.94375
0110
1
100
0.93750
0110
1
101
0.93125
0
1
1
0
1
1
1
0
0.92500
0110
1
111
0.91875
0111
0
000
0.91250
0
1
1
1
0
0
0
1
0.90625
0
1
1
1
0
0
1
0
0.90000
0111
0
011
0.89375
0111
0
100
0.88750
0111
0
101
0.88125
0
1
1
1
0
1
1
0
0.87500
0111
0
111
0.86875
TABLE 3. VR11 VID 8-BIT (Continued)
VID7 VID6 VID5 VID4 VID3 VID2 VID1 VID0
VOLTAGE
0
1
1
1
1
0
0
0
0.86250
0
1
1
1
1
0
0
1
0.85625
0
1
1
1
1
0
1
0
0.85000
01111
0
11
0.84375
0
1
1
1
1
1
0
0
0.83750
01111
1
01
0.83125
0
1
1
1
1
1
1
0
0.82500
01111
1
11
0.81875
10000
0
00
0.81250
1
0
0
0
0
0
0
1
0.80625
1
0
0
0
0
0
1
0
0.80000
1
0
0
0
0
0
1
1
0.79375
1
0
0
0
0
1
0
0
0.78750
10000
1
01
0.78125
10000
1
10
0.77500
10000
1
11
0.76875
1
0
0
0
1
0
0
0
0.76250
1
0
0
0
1
0
0
1
0.75625
1
0
0
0
1
0
1
0
0.75000
10001
0
11
0.74375
1
0
0
0
1
1
0
0
0.73750
10001
1
01
0.73125
1
0
0
0
1
1
1
0
0.72500
10001
1
11
0.71875
10010
0
00
0.71250
1
0
0
1
0
0
0
1
0.70625
1
0
0
1
0
0
1
0
0.70000
1
0
0
1
0
0
1
1
0.69375
1
0
0
1
0
1
0
0
0.68750
10010
1
01
0.68125
1
0
0
1
0
1
1
0
0.67500
1
0
0
1
0
1
1
1
0.66875
1
0
0
1
1
0
0
0
0.66250
1
0
0
1
1
0
0
1
0.65625
1
0
0
1
1
0
1
0
0.65000
1
0
0
1
1
0
1
1
0.64375
1
0
0
1
1
1
0
0
0.63750
10011
1
01
0.63125
1
0
0
1
1
1
1
0
0.62500
10011
1
11
0.61875
TABLE 3. VR11 VID 8-BIT (Continued)
VID7 VID6 VID5 VID4 VID3 VID2 VID1 VID0
VOLTAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28