Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

330R273U6R3JS2 Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

No. de pieza 330R273U6R3JS2
Descripción Electrónicos  High Ripple and Ultra-Long Life
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CDE [Cornell Dubilier Electronics]
Página de inicio  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

330R273U6R3JS2 Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  330R273U6R3JS2 Datasheet HTML 1Page - Cornell Dubilier Electronics 330R273U6R3JS2 Datasheet HTML 2Page - Cornell Dubilier Electronics 330R273U6R3JS2 Datasheet HTML 3Page - Cornell Dubilier Electronics 330R273U6R3JS2 Datasheet HTML 4Page - Cornell Dubilier Electronics 330R273U6R3JS2 Datasheet HTML 5Page - Cornell Dubilier Electronics 330R273U6R3JS2 Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Type330–55°Cto105°CUltra-Long-Life,SwitchingPowerGradeRadial
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864) 843-2277 • Fax: (864) 843-3800 • www.cde.com
+0.015
-0.032
+0.015
-0.032
.250
L
L
Insulated
Case
D ± 0.015 (0.4 mm)
Code
L ± 0.062 (1.6 mm)
D x L
Epoxy
endseal
L Max
D x L
Bare Can
D ± 0.015 (0.4 mm)
L ± 0.030 (0.8 mm)
Lead Spacing
Type 330
Type 331
S1
T
S2
0.020 (0.5 mm) 0.020 (0.5 mm)
Lead
dia.
Diameter
AWG
Case Dimensions in Inches
GT
0.765 x 3.650
HP
0.890 x 2.650
HS
0.890 x 3.150
HT
0.890 x 3.650
JL
1.015 x 2.150
JP
1.015 x 2.650
JS
1.015 x 3.150
JT
1.015 x 3.650
3.712
2.712
3.212
3.712
2.212
2.712
3.212
3.712
0.750 x 3.625
0.875 x 2.625
0.875 x 3.125
0.875 x 3.625
1.000 x 2.125
1.000 x 2.625
1.000 x 3.125
1.000 x 3.625
0.200
0.300
0.300
0.300
0.400
0.300
0.300
0.400
0.300
0.300
0.400
0.300
0.300
0.400
0.400
0.300
0.400
0.400
0.300
0.400
0.400
0.300
0.400
0.400
0.040
0.040
0.040
0.040
0.040
0.040
0.040
0.040
18
18
18
18
18
18
18
18
Case Dimensions in Millimeters
GT
19.4 x 92.7
HP
22.6 x 67.3
HS
22.6 x 80.0
HT
22.6 X 92.7
JL
25.8 x 54.6
JP
25.8 x 67.3
JS
25.8 x 80.0
JT
25.8 x 92.7
94.3
68.9
81.6
94.3
56.2
68.9
81.6
94.3
19.1 x 92.1
22.2 x 66.7
22.2 x 79.4
22.2 X 92.1
25.4 x 54.0
25.4 x 66.7
25.4 x 79.4
25.4 x 92.1
5.08
7.62
7.62
7.62
10.16
7.62
7.62
10.16
7.62
7.62
10.16
7.62
7.62
10.16
10.16
7.62
10.16
10.16
7.62
10.16
10.16
7.62
10.16
10.16
1.02
1.02
1.02
1.02
1.02
1.02
1.02
1.02
18
18
18
18
18
18
18
18
Part Numbering System
330R
333
U
Type
330 - 3 leads
Capacitance Tolerance
100 = 10 µF
M = ±20%
330R - 3 leads
102 = 1000 µF T = –10% +50%
Low ESR
U = –10 +75%
331 - 2 leads
331R - 2 leads, Low ESR
331A - Laydown 3 leads
6R3
JS
Voltage
Case Code
6R3 = 6.3 V
See
063 = 63 V
Rating
100 = 100 V
2
E
Insulation
Epoxy
0 = Bare Can
(blank) = no epoxy
1 = Polyester
E = Epoxy
2 = PVC
endseal
8 = PVC w/ Standoffs
9 = Polyester w/ Stand-
offs
Outline Drawings
Case Dimensions



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com