Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PSL366-9RG Datasheet(PDF) 9 Page - Bel Fuse Inc.

No. de pieza PSL366-9RG
Descripción Electrónicos  Positive Switching Regulators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BEL [Bel Fuse Inc.]
Página de inicio  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

PSL366-9RG Datasheet(HTML) 9 Page - Bel Fuse Inc.

Back Button PSL366-9RG Datasheet HTML 5Page - Bel Fuse Inc. PSL366-9RG Datasheet HTML 6Page - Bel Fuse Inc. PSL366-9RG Datasheet HTML 7Page - Bel Fuse Inc. PSL366-9RG Datasheet HTML 8Page - Bel Fuse Inc. PSL366-9RG Datasheet HTML 9Page - Bel Fuse Inc. PSL366-9RG Datasheet HTML 10Page - Bel Fuse Inc. PSL366-9RG Datasheet HTML 11Page - Bel Fuse Inc. PSL366-9RG Datasheet HTML 12Page - Bel Fuse Inc. PSL366-9RG Datasheet HTML 13Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
PSC, PSL Series Data Sheet
Positive Switching Regulators
MELCHER
The Power Partners.
BCD20027-G Rev
AC1, 12-Apr-2018
Page 9 of 19
Table 4c: Output data. General conditions as per table 4a
Output
PSC5A12 / PSL5A12
PSC5A10 / PSL5A10
PSC128 / PSL128
Unit
Characteristics
Conditions
min
typ
max
min
typ
max
min
typ
max
Vo
Output voltage
Vi nom, Io nom
5.07
5.13
5.07
5.13
11.93
12.07
V
Io
Output current
Vi min – Vi max
0
12.0
0
11.0
0
9.0
A
IoL
Output current limitation
TC min – TC max
12.0
15.6
11.0
14.3
9.0
11.7
vo
Output
Switching freq.
Vi nom, Io nom
55
55
150
mVpp
voltage
Total
IEC/EN 61204
60
60
160
noise
BW = 20 MHz
∆V
o V
Static line regulation
Vi min – Vi max, Io nom
100
100
240
mV
∆V
o l
Static load regulation
Vi nom, Io = 0 – Io nom
100
100
120
vo d
Dynamic
Voltage deviat.
Vi nom
150
130
360
td
load
Recovery time
Io nom
↔ 1/3 I
o nom
50
50
60
µs
regulation
IEC/EN 61204
α
Vo
Temperature coefficient
Vi min – Vi max
±0.02
±0.02
±0.02
%/K
∆V
o/∆TC (TC min – TC max)
Io = 0 – Io nom
Table 4d: Output data. General conditions as per table 4a
Output
PSC158 /PSL158
PSC248/PSL248
PSC368/PSL368
Unit
Characteristics
Conditions
min
typ
max
min
typ
max
min
typ
max
Vo
Output voltage
Vi nom, Io nom
14.91
15.09 23.68
24.14
35.78
36.22
V
Io
Output current
Vi min – Vi max
0
8.0
0
8.0
0
8.0
A
IoL
Output current limitation
TC min – TC max
8.0
10.4
8.0
10.4
8.0
10.4
vo
Output
Switching freq.
Vi nom, Io nom
50
90
55
150
80
190
mVpp
voltage
Total
IEC/EN 61204
54
94
60
155
85
195
noise
BW = 20 MHz
∆V
o V
Static line regulation
Vi min – Vi max, Io nom
70
100
150
220
200
270
mV
∆V
o l
Static load regulation
Vi nom, Io = 0 – Io nom
30
45
120
160
125
160
vo d
Dynamic
Voltage deviat.
Vi nom
130
150
220
td
load
Recovery time
Io nom
↔ 1/3 I
o nom
60
80
100
µs
regulation
IEC/EN 61204
α
Vo
Temperature coefficient
Vi min – Vi max
±0.02
±0.02
±0.02
%/K
∆V
o /∆TC (TC min – TC max)
Io = 0 – Io nom
Table 4e: Output data. General conditions as per table 4a
Output
PSC126/ PSL126
PSC156 / PSL156
PSC246 / PSL246
Unit
Characteristics
Conditions
min
typ
max
min
typ
max
min
typ
max
Vo
Output voltage
Vi nom, Io nom
11.93
12.07 14.91
15.09
23.86
24.14
V
Io
Output current
Vi min – Vi max
0
6.0
0
6.0
0
6.0
A
IoL
Output current limitation
TC min – TC max
6.0
7.8
6.0
7.8
6.0
7.8
vo
Output
Switching freq.
Vi nom, Io nom
30
45
50
70
50
70
mVpp
voltage
Total
IEC/EN 61204
34
49
54
74
54
75
noise
BW = 20 MHz
∆V
o V
Static line regulation
Vi min – Vi max, Io nom
25
40
25
40
80
100
mV
∆V
o l
Static load regulation
Vi nom, Io = 0 – Io nom
60
60
80
vo d
Dynamic
Voltage deviat.
Vi nom
150
130
360
td
load
Recovery time
Io nom
↔ 1/3 I
o nom
50
50
60
µs
regulation
IEC/EN 61204
α
Vo
Temperature coefficient
Vi min – Vi max
±0.02
±0.02
±0.02
%/K
∆V
o/∆TC (TC min – TC max)
Io = 0 – Io nom



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com