Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GBP4005 Datasheet(PDF) 2 Page - Shenzhen Yixinwei Technology Co., Ltd.

No. de pieza GBP4005
Descripción Electrónicos  Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YIXIN [Shenzhen Yixinwei Technology Co., Ltd.]
Página de inicio  http://www.szyxwkj.com
Logo YIXIN - Shenzhen Yixinwei Technology Co., Ltd.

GBP4005 Datasheet(HTML) 2 Page - Shenzhen Yixinwei Technology Co., Ltd.

  GBP4005 Datasheet HTML 1Page - Shenzhen Yixinwei Technology Co., Ltd. GBP4005 Datasheet HTML 2Page - Shenzhen Yixinwei Technology Co., Ltd. GBP4005 Datasheet HTML 3Page - Shenzhen Yixinwei Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GBP4005 THRU GBP410
 
 
■Ordering Information (Example)
PREFERED P/N
PACKING
CODE
UNIT WEIGHT(g)
MINIIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY MODE
GBP4005 THRU
GBP410
B1
1.37
35
3500
7000
TUBE
GBP4005 THRU
GBP410
A1
1.37
500
500
5000
BOX
■ Characteristics (Typical)
`
1
0
2
5
10
20
50
100
20
sine wave
non-repetitive
Tj=25℃
FIG2:Surge Forward Current Capability
Number of Cycles
0
8.3ms
1cycle
8.3ms
40
60
80
100
120
140
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.02
0.05
Instantaneous Forward Voltage(V)
FIG3: Forward Voltage
0.1
1
2
4
6
0.5
Ta=25℃
020
40
60
80
100
0.01
0.1
1.0
10
100
Percent of Rated Peak Reverse Voltage(%)
Tj=150℃
Tj=25℃
FIG4:Typical Reverse Characteristics
0
0
1.0
Ambient Temperature
(℃)
FIG1:Io-Tc Curve
160
with heatsink
40
80
120
2.0
3.0
4.0
5.0
6.0
without heatsink
sine wave R-load
with 75*75*1.6mm Cu
heatsink
heatsink
Tc-sensing point



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com