| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PC7447 Datasheet(PDF) 46 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
PC7447 Datasheet(HTML) 46 Page - ATMEL Corporation |
|
46 / 66 page ![]() 46 PC7457/47 [Preliminary] 5345B–HIREL–02/04 . Table 17. Pinout Listing for the PC7457, 483 CBGA Package Signal Name Pin Number Active I/O I/F Select(1) A[0:35](2) E10, N4, E8, N5, C8, R2, A7, M2, A6, M1, A10, U2, N2, P8, M8, W4, N6, U6, R5, Y4, P1, P4, R6, M7, N7, AA3, U4, W2, W1, W3, V4, AA1, D10, J4, G10, D9 High I/O BVSEL AACK U1 Low Input BVSEL AP[0:4] L5, L6, J1, H2, G5 High I/O BVSEL ARTRY(3) T2 Low I/O BVSEL AVDD B2 – Input N/A BG R3 Low Input BVSEL BMODE0(4) C6 Low Input BVSEL BMODE1(5) C4 Low Input BVSEL BR K1 Low Output BVSEL BVSEL(6)(7) G6 High Input N/A CI(3) R1 Low Output BVSEL CKSTP_IN F3 Low Input BVSEL CKSTP_OUT K6 Low Output BVSEL CLK_OUT N1 High Output BVSEL D[0:63] AB15, T14, R14, AB13, V14, U14, AB14, W16, AA11, Y11, U12, W13, Y14, U13, T12, W12, AB12, R12, AA13, AB11, Y12, V11, T11, R11, W10, T10, W11, V10, R10, U10, AA10, U9, V7, T8, AB4, Y6, AB7, AA6, Y8, AA7, W8, AB10, AA16, AB16, AB17, Y18, AB18, Y16, AA18, W14, R13, W15, AA14, V16, W6, AA12, V6, AB9, AB6, R7, R9, AA9, AB8, W9 High I/O BVSEL DBG V1 Low Input BVSEL DP[0:7] AA2, AB3, AB2, AA8, R8, W5, U8, AB5 High I/O BVSEL DRDY(8) T6 Low Output BVSEL DTI[0:3])(9) P2, T5, U3, P6 High Input BVSEL EXT_QUAL(10) B9 High Input BVSEL GBL M4 Low I/O BVSEL GND A22, B1, B5, B12, B14, B16, B18, B20, C3, C9, C21, D7, D13, D15, D17, D19, E2, E5, E21, F10, F12, F14, F16, F19, G4, G7, G17, G21, H13, H15, H19, H5, J3, J10, J12, J14, J17, J21, K5, K9, K11, K13, K15, K19, L10, L12, L14, L17, L21, M3, M6, M9, M11, M13, M19, N10, N12, N14, N17, N21, P3, P9, P11, P13, P15, P19, R17, R21, T13, T15, T19, T4, T7, T9, U17, U21, V2, V5, V8, V12, V15, V19, W7, W17, W21, Y3, Y9, Y13, Y15, Y20, AA5, AA17, AB1, AB22 –– N/A GVDD (11) B13, B15, B17, B19, B21, D12, D14, D16, D18, D21, E19, F13, F15, F17, F21, G19, H12, H14, H17, H21, J19, K17, K21, L19, M17, M21, N19, P17, P21, R15, R19, T17, T21, U19, V17, V21, W19, Y21 –– N/A HIT(8) K2 Low Output BVSEL HRESET A3 Low Input BVSEL |