| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AMD8513 Datasheet(PDF) 63 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
AMD8513 Datasheet(HTML) 63 Page - Infineon Technologies AG |
|
63 / 88 page ![]() Data Sheet 63 Rev. 1.21, 2005-12-05 ADM8513 Data Sheet Registers Description GPIO[3:2] Control GPIO32C Offset Reset Value GPIO[3:2] Control 7FH 00H Field Bits Type Description G3OE 5 rw GPIO3 Output Enable 0B IN, GPIO3 is used for input 1B OUT, GPIO3 is used for output G3OV 4 rw GPIO3 Output Value When GPIO3 is used for output, this value is driven to GPIO3 pin. Set by SW. G3IV 3 r GPIO3 Input Value When GPIO3 is used for input, this field reflects the status of GPIO3. Set by HW. G2OE 2 rw GPIO2 Output Enable 0B IN, GPIO2 is used for input 1B OUT, GPIO2 is used for output G2OV 1 rw GPIO2 Output Value When GPIO2 is used for output, this value is driven to GPIO2 pin. Set by SW. G2IV 0 r GPIO2 Input Value When GPIO2 is used for input, this field reflects the status of GPIO2. Set by HW. |