Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EL7158 Datasheet(PDF) 4 Page - Renesas Technology Corp

No. de pieza EL7158
Descripción Electrónicos  Ultra-High Current Pin Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7158 Datasheet(HTML) 4 Page - Renesas Technology Corp

  EL7158 Datasheet HTML 1Page - Renesas Technology Corp EL7158 Datasheet HTML 2Page - Renesas Technology Corp EL7158 Datasheet HTML 3Page - Renesas Technology Corp EL7158 Datasheet HTML 4Page - Renesas Technology Corp EL7158 Datasheet HTML 5Page - Renesas Technology Corp EL7158 Datasheet HTML 6Page - Renesas Technology Corp EL7158 Datasheet HTML 7Page - Renesas Technology Corp EL7158 Datasheet HTML 8Page - Renesas Technology Corp EL7158 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
EL7158
FN7349 Rev 2.00
Page 4 of 9
May 14, 2007
Typical Performance Curves
FIGURE 1. INPUT THRESHOLD vs SUPPLY VOLTAGE
FIGURE 2. QUIESCENT SUPPLY CURRENT vs SUPPLY
VOLTAGE
FIGURE 3. “ON”-RESISTANCE vs SUPPLY VOLTAGE (VS+)
FIGURE 4. RISE/FALL TIME vs SUPPLY VOLTAGE
FIGURE 5. RISE/FALL TIME vs TEMPERATURE
FIGURE 6. PROPAGATION DELAY vs SUPPLY VOLTAGE
T = +25°C
1.2
SUPPLY VOLTAGE (V)
1.0
1.8
1.6
1.4
12
510
HIGH THRESHOLD
HYSTERESIS
LOW THRESHOLD
T = +25°C
12
SUPPLY VOLTAGE (V)
0
2.0
5
1.6
1.2
0.8
0.4
10
ALL INPUTS = VS+
ALL INPUTS = GND
IOUT = 500mA, T = +25°C, VS+ = VH, VS- = VL = 0V
SUPPLY VOLTAGE (V)
7.5
12.5
510
0.5
0.4
0.6
0.8
0.7
VOUT TO VL
VH TO VOUT
CL = 2000pF, T = +25°C, VS+ = VH, VS- = VL = 0V
13
SUPPLY VOLTAGE (V)
11
15
14
12
711
59
6
8
10
12
tR
tF
CL = 2000pF, VS+ = VH = 12V, VS- = VL = 0V
150
12
TEMPERATURE (°C)
8
100
18
-50
50
14
16
10
0
tr
tR
tR
CL = 2000pF, T = +25°C, VS+ = VH = 12V,
VS- = VL = 0V
24
SUPPLY VOLTAGE (V)
20
30
26
22
711
59
6
8
10
12
28
td1
td2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com