Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MP2499MGQB Datasheet(PDF) 2 Page - Monolithic Power Systems

No. de pieza MP2499MGQB
Descripción Electrónicos  High Efficiency, 3A Max, 36V Synchronous, Step-Down Converter Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2499MGQB Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2499MGQB Datasheet HTML 1Page - Monolithic Power Systems MP2499MGQB Datasheet HTML 2Page - Monolithic Power Systems MP2499MGQB Datasheet HTML 3Page - Monolithic Power Systems MP2499MGQB Datasheet HTML 4Page - Monolithic Power Systems MP2499MGQB Datasheet HTML 5Page - Monolithic Power Systems MP2499MGQB Datasheet HTML 6Page - Monolithic Power Systems MP2499MGQB Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
EV2499M-QB-00A 36V/3A MAX STEP DOWN CONVERTER
EV2499M-QB-00A Rev.1.0
www.MonolithicPower.com
2
8/17/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
IN
1
EN/SYNC
5
SW
9
FB
6
IN
2
VCC
7
ISENSE
4
NC
3
U1
MP2499M
300K
R6
10
R7
82.5K
R1
15.4K
R2
20
R4
1
2
11uH
L1
1uF
C2
10uF
C1
0.1uF
C3
2
1
39pF
C5
0.1uF
C4
C1B
100uF
C2A
100uF
40m
R3
GND
GND
GND
GND
GND
GND
GND
GND
VIN: 12V
2
1
3
4
USB
1
2
0
L2
NS
C1C
GND
100
R8
VCC
0
R5
NS
R9
NS
R11
NS
R10
NS
R12
GND
GND
VCC
DM
DP
DP
DM
10uF
C1A
GND
VOUT: 5V/2.4A
EV2499M-QB-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Manufacturer P/N
2
C1, C1A
10μF
Ceramic Cap, 50V,X5R
0805
muRata
GRM21BR61H106KE43L
1
C1B
100μF
Electrolytic
capacitor,
35V, 160mΩ ESR.
DIP
Chemi-Con
EMZJ35ADA101MF80G
1
C2
1μF
Ceramic Cap,6.3V,X7R
0805
muRata
GRM21BR71A105KA01L
1
C2A
100μF
Polymer
capacitor,
6.3V, 10mΩ ESR.
DIP
Chemi-Con
APSK6R3ELL101ME08S
2
C3, C4
0.1μF
Ceramic Cap, 50V,Y5V
0603
TDK
C1608Y5V1H104Z
1
C5
39pF
Ceramic Cap, 50V,X7R
0603
muRata
GRM1885C1H390JA01D
0
C1C
NS
1
R1
82.5k
Thick Film Res, 1%
0603
Any
1
R2
15.4k
Thick Film Res, 1%
0603
Any
1
R3
40m
1206
Any
1
R4
20
Thick Film Res, 1%
0603
Any
1
R5
0
Thick Film Res, 1%
0603
Any
1
R6
300k
Thick Film Res, 5%
0603
Any
1
R7
10
Thick Film Res, 1%
0603
Any
1
R8
100
Thick Film Res, 1%
0603
Any
0
R9,R10,
R11,R12
NS
Thick Film Res, 1%
0603
Any
1
L1
11μH
Toroidal Inductor
DIP
UEC
WL-801
0
L2
0
Shorted by wire
1
U1
MPS
Step-Down Converter
QFN-13
(2.5mmx3
mm)
MPS
MP2499MGQB
1
USB
USB
Single USB port
Tray
Wurth
61400416021



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com