Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

J107F1CS209VDC.36 Datasheet(PDF) 3 Page - CIT Relay & Switch

No. de pieza J107F1CS209VDC.36
Descripción Electrónicos  UL F class rated standard
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIT [CIT Relay & Switch]
Página de inicio  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

J107F1CS209VDC.36 Datasheet(HTML) 3 Page - CIT Relay & Switch

  J107F1CS209VDC.36 Datasheet HTML 1Page - CIT Relay & Switch J107F1CS209VDC.36 Datasheet HTML 2Page - CIT Relay & Switch J107F1CS209VDC.36 Datasheet HTML 3Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
page 3
J107F
Dimensions
Units = mm
Bottom Views
Schematics & PC Layouts
2.00
[.08]
12.20
[.48]
6.00
[.24]
6.00
[.24]
19.00
[.75]
15.53
[.61]
14.99
[.59]
15.29
[.60]
3.70 TYP
[.15]
(2X) 0.54
[.02]
(3X) 0.46
[.02]
(3X) 1.00
[.04]
1.55
[.06]
12.20
[.48]
6.00
[.24]
12.00
[.47]
2.00
[.08]
Ø1.30 TYP
[.05]
1A
1B
1C



Html Pages

1 2 3