| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DM7160 Datasheet(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DM7160 Datasheet(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 4 page ![]() TLF6578 June 1989 DM7160 Magnitude Comparator General Description This device offers comparisons to determine equality be- tween two binary words The DM7160 compares two six-bit words A strobe override is provided When the strobe is taken to a high logic level the output is forced to a high logic level The device also features open-collector outputs for expansion Features Y Typical propagation delay 21 ns Y Typical power dissipation 205 mW Y Open-collector outputs for expansion Connection Diagram Dual-In-Line Package TLF6578 – 1 Order Number DM7160J or DM7160W See NS Package Number J16A or W16A Function Table Condition STROBE Output SY A e B A i BH H A e BL H A i BL L H e High Logic Level L e Low Logic Level C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
Número de pieza similar - DM7160 |
|
Descripción similar - DM7160 |