| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ACT8892 Datasheet(PDF) 7 Page - Active-Semi, Inc |
|
|
|||||||||||||||||||||||||||||
ACT8892 Datasheet(HTML) 7 Page - Active-Semi, Inc |
|
7 / 32 page ![]() ACT8892 Rev 2, 01-Jul-15 Innovative PowerTM - 7 - www.active-semi.com Copyright © 2015-2017 Active-Semi, Inc. ActivePMUTM is a trademark of Active-Semi. I2CTM is a trademark of NXP. ABSOLUTE MAXIMUM RATINGS : Do not exceed these limits to prevent damage to the device. Exposure to absolute maximum rating conditions for long periods may affect device reliability. PARAMETER VALUE UNIT VP1 to GP1, VP2 to GP2, VP3 to GP3 -0.3 to + 6 V INL, VDDREF to GA -0.3 to + 6 V nPBIN, SCL, SDA, REFBP, PWRHLD, PWREN, VSEL to GA -0.3 to (VVDDREF + 0.3) V nRSTO, nIRQ, nPBSTAT to GA -0.3 to + 6 V SW1, OUT1 to GP1 -0.3 to (VVP1 + 0.3) V SW2, OUT2 to GP2 -0.3 to (VVP2 + 0.3) V SW3, OUT3 to GP3 -0.3 to (VVP3 + 0.3) V OUT4, OUT5, OUT6, OUT7 to GA -0.3 to (VINL + 0.3) V GP1, GP2, GP3 to GA -0.3 to + 0.3 V Junction to Ambient Thermal Resistance (θJA) 27.5 °C/W Operating Ambient Temperature -40 to 85 °C Maximum Junction Temperature 125 °C Storage Temperature -65 to 150 °C Lead Temperature (Soldering, 10 sec) 300 °C |