Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST52X420 Datasheet(PDF) 82 Page - STMicroelectronics

No. de pieza ST52X420
Descripción Electrónicos  8-BIT INTELLIGENT CONTROLLER UNIT (ICU) Three Timer/PWMs, ADC, WDG
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52X420 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button ST52X420 Datasheet HTML 76Page - STMicroelectronics ST52X420 Datasheet HTML 77Page - STMicroelectronics ST52X420 Datasheet HTML 78Page - STMicroelectronics ST52X420 Datasheet HTML 79Page - STMicroelectronics ST52X420 Datasheet HTML 80Page - STMicroelectronics ST52X420 Datasheet HTML 81Page - STMicroelectronics ST52X420 Datasheet HTML 82Page - STMicroelectronics ST52X420 Datasheet HTML 83Page - STMicroelectronics ST52X420 Datasheet HTML 84Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 82 / 84 page
background image
ST52T410/ST52T410/E420
82/84
Table 11.17 CERAMIC DIP28 WINDOWED PACKAGE MECHANICAL DATA
DIM
mm
inch.
MIN
TYP.
MAX
MIN
TYP.
MAX
A
38.10
1.469
B
13.05
13.36
0.514
0.526
C
3.90
5.08
0.153
0.177
D
3.18
0.125
E
0.50
1.78
0.020
0.070
e3
33.02
1.300
F
2.29
2.79
0.90
0.110
G
0.40
0.55
0.18
0.22
I
1.17
1.42
0.48
0.58
L
0.22
0.31
0.010
0.012
M
1.52
2.49
0.060
0.098
N
16.17
18.32
0.637
0.721
N1
4d
15d
P
15.40
15.80
0.606
0.616
Q
5.71
0.225
Diam.
6.86
7.36
0.275
0.285
e3
C
I
G
F
M
E
D
b
A
B
P
L
N
N1
28
1
Diam.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84