Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

T901N Datasheet(PDF) 7 Page - Infineon Technologies AG

No. de pieza T901N
Descripción Electrónicos  Full blocking 50/60Hz over a wide range temperature range
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

T901N Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button T901N Datasheet HTML 3Page - Infineon Technologies AG T901N Datasheet HTML 4Page - Infineon Technologies AG T901N Datasheet HTML 5Page - Infineon Technologies AG T901N Datasheet HTML 6Page - Infineon Technologies AG T901N Datasheet HTML 7Page - Infineon Technologies AG T901N Datasheet HTML 8Page - Infineon Technologies AG T901N Datasheet HTML 9Page - Infineon Technologies AG T901N Datasheet HTML 10Page - Infineon Technologies AG T901N Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Netz-Thyristor
Phase Control Thyristor
Technische Information /
technical information
T901N
Date of Publication: 2011-05-02
Revision: 7.0
Seite/page: 7/11
Steuerkennlinie
Zündverzug
0,2
0,5
1
2
5
10
30
20
50
100
200
500
1000
2000
5000 10000
20
iG [mA]
+125 C
+25 C
-40 C
a
b
c
Steuercharakteristik vG = f (iG) mit Zündbereichen für VD = 12 V /
gate characteristic vG = f (iG) with triggering area for VD = 12 V
Höchstzulässige Spitzensteuerverlustleistung / maximum rated peak gate power dissipation PGM = f (tg) :
a - 20 W/10ms
b - 40 W/1ms
c - 60 W/0,5ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com