| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TUSB1002ARGET Datasheet(PDF) 1 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TUSB1002ARGET Datasheet(HTML) 1 Page - Texas Instruments |
|
1 / 31 page ![]() USB 3.1 Host RXP1 TUSB1002A RXN1 + - TXP2 TXN2 + - + - TXP1 TXN1 + - + - RXP2 RXN2 + - Product Folder Order Now Technical Documents Tools & Software Support & Community An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications, intellectual property matters and other important disclaimers. PRODUCTION DATA. TUSB1002A SLLSF63 – MARCH 2018 TUSB1002A USB3.2 10 Gbps Dual-Channel Linear Redriver 1 1 Features 1 • Supports USB3.2 x1 SuperSpeed (5 Gbps) and SuperSpeedPlus (10 Gbps) • Supports PCI Express Gen3, SATA Express, and SATA Gen3. • Ultra Low-Power Architecture – Active: < 300 mW – Disconnect/U2/U3: < 1.9 mW – Shutdown: < 700 µW • Adjustable Voltage Output Swing Linear Range up to 1200 mVpp • No Host/Device Side Requirement • 16 Settings for up to 16 dB at 10 Gbps of Linear Equalization • Adjustable DC Equalization Gain • Hot-Plug Capable • Pin-to-Pin Compatible With LVPE502A and LVPE512 USB 3.0 Redriver • Pin-to-Pin Compatible with TUSB1002 Redriver • Temperature Range: 0°C to 70°C (Commercial) and –40°C to 85°C (Industrial) • ±5 kV HBM ESD • Available in Single 3.3 V Supply. • Available in 4 mm x 4 mm VQFN 2 Applications • Notebook and Desktop PC • TVs • Tablets • Cell Phones • Active Cable • Docking Stations 3 Description The TUSB1002A is the industry’s first dual-channel USB 3.2 x1 SuperSpeedPlus (SSP) redriver and signal conditioner. The device offers low power consumption on a 3.3-V supply with its ultra-low- power architecture. It supports the USB3.2 low power modes which further reduces idle power consumption. The TUSB1002A implements a linear equalizer, supporting up to 16 dB of loss due to Inter-Symbol Interference (ISI). When USB signals travel across a PCB or cable, signal integrity degrades due to loss and inter-symbol interference. The linear equalizer compensates for the channel loss, and thereby, extends the channel length and enables systems to pass USB compliance. The dual lane implementation and small package size provides flexibility in the placement of the TUSB1002A in the USB3.2 path. The TUSB1002A is available in either a 24-pin 4 mm x 4 mm VQFN. It is also available in a commercial grade (TUSB1002A) or industrial grade (TUSB1002AI). Device Information(1) PART NUMBER PACKAGE BODY SIZE (NOM) TUSB1002A VQFN (24) 4.00 mm x 4.00 mm TUSB1002AI (1) For all available packages, see the orderable addendum at the end of the data sheet. SPACER Simplified Schematic |
Número de pieza similar - TUSB1002ARGET |
|
Descripción similar - TUSB1002ARGET |