Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SP30T Datasheet(PDF) 5 Page - Infineon Technologies AG

No. de pieza SP30T
Descripción Electrónicos  High pressure range
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP30T Datasheet(HTML) 5 Page - Infineon Technologies AG

  SP30T Datasheet HTML 1Page - Infineon Technologies AG SP30T Datasheet HTML 2Page - Infineon Technologies AG SP30T Datasheet HTML 3Page - Infineon Technologies AG SP30T Datasheet HTML 4Page - Infineon Technologies AG SP30T Datasheet HTML 5Page - Infineon Technologies AG SP30T Datasheet HTML 6Page - Infineon Technologies AG SP30T Datasheet HTML 7Page - Infineon Technologies AG SP30T Datasheet HTML 8Page - Infineon Technologies AG SP30T Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Final Datasheet V1.0
SensoNor
TPM Sensor SP30T
TS
Rev.
Page
of
1378
2
5
13
2 Product Characteristics
The max and min numbers are to be understood as + and – 5
σ values (Cpk = 1.67) unless otherwise specified.
2.1
Measurement Performance
2.1.1
Pressure Measurement
The presented performance reflects the use of 11-bit measurement of pressure signal and 10-bit measurement of
temperature.
Table 1 Pressure measurement specifications
SPECIFICATION
AMBIENT CONDITIONS
PARAMETER
Min
Typ
Max
Unit
Temp [°C]
VDD [V]
Pressure [kPa]
COMMENTS
Input pressure range*
100
1600
kPa
-40 to 125
2.1 to 3.6
-25
25
kPa
0 to 50
2.1 to 3.6
-30
30
kPa
-40 to 125
2.1 to 3.6
100 to1000
-45
45
kPa
0 to 50
2.1 to 3.6
Measurement error
-50
50
kPa
-40 to 125
2.1 to 3.6
1000 to1600
Linear behavior
between 1000
kPa and 1600
kPa according to
Figure 1
Table 2 Pressures100,375,657,1000,1300,1600kPaverifiedinqualification
SP30T Pressure Specification
-55
-45
-35
-25
-15
-5
5
15
25
35
45
55
100 200 300 400 500 600 700 800 900 1000 1100 1200 1300 1400 1500 1600
Input Pressure [kPa]
LSL @ -40 --> 125°C
USL @ -40 --> 125°C
LSL @ 0 --> 50°C
USL @ 0 --> 50°C
Figure 1: Pressure measurement error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com