Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S71PL254 Datasheet(PDF) 18 Page - SPANSION

No. de pieza S71PL254
Descripción Electrónicos  STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SPANSION [SPANSION]
Página de inicio  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL254 Datasheet(HTML) 18 Page - SPANSION

Back Button S71PL254 Datasheet HTML 14Page - SPANSION S71PL254 Datasheet HTML 15Page - SPANSION S71PL254 Datasheet HTML 16Page - SPANSION S71PL254 Datasheet HTML 17Page - SPANSION S71PL254 Datasheet HTML 18Page - SPANSION S71PL254 Datasheet HTML 19Page - SPANSION S71PL254 Datasheet HTML 20Page - SPANSION S71PL254 Datasheet HTML 21Page - SPANSION S71PL254 Datasheet HTML 22Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 196 page
background image
18
S71PL254/127/064/032J_00_A6 November 22, 2004
Advance
I n f o rmation
S71PL127JA0
BAI
9P
0, 2, 3 (Note 1)
65
pSRAM7 / 70
(Note 2)
S71PL127JA0
9Z
pSRAM7 / 70
S71PL127JA0
97
pSRAM1 / 70
S71PL127JB0
97
pSRAM1 / 70
S71PL127JB0
9Z
pSRAM7 / 70
S71PL127JB0
9U
pSRAM6 / 70
S71PL127JC0
97
pSRAM1 /70
S71PL127JC0
9Z
pSRAM7 / 70
S71PL127JC0
9U
pSRAM6 / 70
S71PL127JB0
9B
pSRAM2 / 70
S71PL127JA0
BFI
9P
0, 2, 3 (Note 1)
65
pSRAM7 / 70
(Note 2)
S71PL127JA0
9Z
pSRAM7 / 70
S71PL127JA0
97
pSRAM1 / 70
S71PL127JB0
97
pSRAM1 / 70
S71PL127JB0
9Z
pSRAM7 / 70
S71PL127JB0
9U
pSRAM6 / 70
S71PL127JB0
9B
pSRAM2 / 70
S71PL127JC0
97
pSRAM1 /70
S71PL127JC0
9Z
pSRAM7 / 70
S71PL127JC0
9U
pSRAM6 / 70
S71PL127J Valid Combinations
Speed Options
(ns)
(p)SRAM
Type/Access
Time (ns)
Package
Marking
Base Ordering
Part Number
Package &
Temperature
Package
Modifier/Model
Number
Packing Type
Notes:
1. Type 0 is standard. Specify other options as required.
2. BGA package marking omits leading “S” and packing type
designator from ordering part number.
Valid Combinations
Valid Combinations list configurations planned to be supported in vol-
ume for this device. Consult your local sales office to confirm avail-
ability of specific valid combinations and to check on newly released
combinations.