| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LEAP3W01 Datasheet(PDF) 14 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
LEAP3W01 Datasheet(HTML) 14 Page - OSRAM GmbH |
|
14 / 20 page ![]() 2016-06-06 14 Version 1.0 LE A P3W 01 Reflow Soldering Profile Reflow-Lötprofil Product complies to MSL Level 2 acc. to JEDEC J-STD-020D.01 0 0 s OHA04525 50 100 150 200 250 300 50 100 150 200 250 300 t T ˚C S t t P t T p 240 ˚C 217 ˚C 245 ˚C 25 ˚C L OHA04612 Profile Feature Profil-Charakteristik Ramp-up rate to preheat*) 25 °C to 150 °C 2 3 K/s Time t S T Smin to TSmax t S t L t P T L T P 100 120 60 10 20 30 80 100 217 2 3 245 260 3 6 Time 25 °C to T P Time within 5 °C of the specified peak temperature T P - 5 K Ramp-down rate* T P to 100 °C All temperatures refer to the center of the package, measured on the top of the component * slope calculation DT/Dt: Dt max. 5 s; fulfillment for the whole T-range Ramp-up rate to peak*) T Smax to T P Liquidus temperature Peak temperature Time above liquidus temperature Symbol Symbol Unit Einheit Pb-Free (SnAgCu) Assembly Minimum Maximum Recommendation K/s K/s s s s s °C °C 480 |