Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GSM075D Datasheet(PDF) 2 Page - StarHope

No. de pieza GSM075D
Descripción Electrónicos  Gas Discharge Tube
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SPSEMI [StarHope]
Página de inicio  http://www.spsemi.cn
Logo SPSEMI - StarHope

GSM075D Datasheet(HTML) 2 Page - StarHope

  GSM075D Datasheet HTML 1Page - StarHope GSM075D Datasheet HTML 2Page - StarHope GSM075D Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPSEMI
..
.
www.spsemi.cn
Page 2 of 3
Initial Characteristics
Test Item
DC-Spark-Over Voltage
Vs
Insulation
Resistance
Capacitance C(pF)
Add and measure the DC Voltage gradually
Maxto get the discharge threshold voltage.
The measuring current is 1mA/1 second max.
1sec
.(1mA)
Measure the insulation resistance of two end of
leadwire under the specified DC voltage.
Electrostatic Capacitance under the test condition
of 1KHz,DC 6V(max).
Test Method
Specification
It depands on each spec.
1GΩ min.
1.0pF max.
Surge Characteristics
Test Item
Surge withstand capability
Surge life test
In the glass tube ends in 8/20 us surge tester, applying the model that
corresponds to the impact resistance current, time interval for the
60 s of plus or minus the test 5 times. Test the dc voltage,
insulation resistance, static capacitance and check the appearance.
Apply 10KV voltage charged in 1500pF condenser and
apply the current to the specimen,200 times at 10
seconds of intervals.
Test Method
Specification
DC spark-over voltage
JSE:
Vs/Vs
30%
△≦
Within standard mentioned in
Initial Characteristics.
Dimensions
Dimensions in millimeters
4.5 0 3
±.
3.2 0 2
±.
0.5
4.5 0 3
±.
0.5
REV 2018 02 29
GDT/GSM***D Series



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com