Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NHD-5.7B-LED Datasheet(PDF) 3 Page - Newhaven Display International, Inc.

No. de pieza NHD-5.7B-LED
Descripción Electrónicos  LED Backlight Driver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEWHAVEN [Newhaven Display International, Inc.]
Página de inicio  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

NHD-5.7B-LED Datasheet(HTML) 3 Page - Newhaven Display International, Inc.

  NHD-5.7B-LED Datasheet HTML 1Page - Newhaven Display International, Inc. NHD-5.7B-LED Datasheet HTML 2Page - Newhaven Display International, Inc. NHD-5.7B-LED Datasheet HTML 3Page - Newhaven Display International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CONFIDENTIAL
1
2
3
4
5
6
A
B
C
D
B
C
D
1
2
3
4
5
6
Mechanical Drawing
A
[3]
The drawing contained herein is the exclusive property of Newhaven Display International, Inc. and shall not be copied, reproduced, and/or disclosed in any format without permission.
NHD-5.7B-LED Driver
06/01/16
Date
Unit
Model:
mm
Gen. Tolerance
±0.3mm
Rev
Description
Date
M125PR-03
J2
J1
LED+
2
1
LED-
Vcc
1
3
2
GND
E
E
J1
VCC
GND
J2
1
2
3
.
0
±
0
.
0
8



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com